Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGF36040CU31A Datasheet(PDF) 2 Page - Schneider Electric

Part # PGF36040CU31A
Description  Molded Case Circuit Breaker 600V 400A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

PGF36040CU31A Datasheet(HTML) 2 Page - Schneider Electric

  PGF36040CU31A Datasheet HTML 1Page - Schneider Electric PGF36040CU31A Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering and shipping details
Category
01215-PG,H,J,K,L,N UNIT MT BREAKERS
Discount Schedule
DE2
Returnability
Yes
Country of origin
US
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: DINP and DIDP which is known
to the State of California to cause Carcinogen and Reproductive harm. For more information go to
www.p65warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
PVC free
Yes
2


Similar Part No. - PGF36040CU31A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PGF36040CU33A SCHNEIDER-PGF36040CU33A Datasheet
150Kb / 1P
Molded Case Circuit Breaker 600V 400A
More results

Similar Description - PGF36040CU31A

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
PGF36040U31A SCHNEIDER-PGF36040U31A Datasheet
145Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 400A
PGF36040U33A SCHNEIDER-PGF36040U33A Datasheet
161Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 400A
PGF36040U41A SCHNEIDER-PGF36040U41A Datasheet
145Kb / 1P
Molded Case Circuit Breaker 600V 400A
PJF36040CU41A SCHNEIDER-PJF36040CU41A Datasheet
147Kb / 2P
Molded Case Circuit Breaker 600V 400A
PJF36040CU43A SCHNEIDER-PJF36040CU43A Datasheet
119Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 400A
PJL36040CU31A SCHNEIDER-PJL36040CU31A Datasheet
144Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 400A
PJL36040CU33A SCHNEIDER-PJL36040CU33A Datasheet
145Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 400A
PJL36040U33A SCHNEIDER-PJL36040U33A Datasheet
144Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 400A
PJL36040U41A SCHNEIDER-PJL36040U41A Datasheet
145Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 400A
PJL36040U73AE1 SCHNEIDER-PJL36040U73AE1 Datasheet
145Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 400A
PJL36040U74AE1 SCHNEIDER-PJL36040U74AE1 Datasheet
144Kb / 2P
MOLDED CASE CIRCUIT BREAKER 600V 400A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com