Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALC887 Datasheet(PDF) 10 Page - Realtek Semiconductor Corp.

Part # ALC887
Description  7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC887 Datasheet(HTML) 10 Page - Realtek Semiconductor Corp.

Back Button ALC887 Datasheet HTML 6Page - Realtek Semiconductor Corp. ALC887 Datasheet HTML 7Page - Realtek Semiconductor Corp. ALC887 Datasheet HTML 8Page - Realtek Semiconductor Corp. ALC887 Datasheet HTML 9Page - Realtek Semiconductor Corp. ALC887 Datasheet HTML 10Page - Realtek Semiconductor Corp. ALC887 Datasheet HTML 11Page - Realtek Semiconductor Corp. ALC887 Datasheet HTML 12Page - Realtek Semiconductor Corp. ALC887 Datasheet HTML 13Page - Realtek Semiconductor Corp. ALC887 Datasheet HTML 14Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
ALC887
Datasheet
7.1 Channel High Definition Audio Codec w/Two
Independent SPDIF-OUT
2
Rev. 1.0
2.
Features
2.1.
Hardware Features
Meets premium audio requirements for Microsoft WLP 3.10
Meets stricter performance requirements for future WLP
High-performance DACs with 97dB Signal-to-Noise Ratio (SNR), ADCs with 90dB SNR
Four stereo DACs (8 channels) support 16/20/24-bit PCM format for 7.1 sound playback.
Two stereo ADCs (4 channels) support 16/20/24-bit PCM format recording simultaneously
All DACs supports 16/20/24-bit, 44.1k/48k/96k/192kHz sample rate
All ADCs supports 16/20/24-btt, 44.1k/48k/96k/192kHz sample rate
Two independent SPDIF-OUT converters support 16/20/24-bit, 44.1k/48k/88.2k/96k/192kHz sample
rate. One converter for normal SPDIF output, the other outputs an independent digital stream to the
HDMI transmitter
One SPDIF-IN converter supports 44.1k/48k/96k/192k Hz sample rate
High-quality analog differential CD input
Supports external PCBEEP input, built-in digital BEEP generator, and pass-through function in D3
mode
Software selectable 2.5V/3.75V VREFOUT to be analog microphone bias
Two jack detection pins each designed to detect up to 4 jacks
Supports legacy analog mixer architecture
Wide range (–80dB ~ +42dB) volume control with 1.5dB resolution of analog to analog mixer gain
Software selectable boost gain (+10/+20/+30dB) for analog microphone input
All analog jacks are stereo input and output re-tasking for analog plug & play
Built-in headphone amplifiers for each re-tasking jack
Two GPIOs for customized applications
Supports Anti-pop mode when analog power AVDD is on and digital power is off
Supports stereo digital microphone interface to improve voice quality
48-pin LQFP ‘Green’ package, and pin compatible with ALC888 series


Similar Part No. - ALC887

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC887-VD REALTEK-ALC887-VD Datasheet
1Mb / 91P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
ALC887-VD2-CG REALTEK-ALC887-VD2-CG Datasheet
1Mb / 91P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
More results

Similar Description - ALC887

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC887-VD REALTEK-ALC887-VD Datasheet
1Mb / 91P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
ALC888S REALTEK-ALC888S Datasheet
1Mb / 83P
7.12 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF-OUT
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC880 REALTEK-ALC880 Datasheet
1Mb / 84P
7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC882 REALTEK-ALC882 Datasheet
1Mb / 83P
7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888-GR REALTEK-ALC888-GR Datasheet
1Mb / 81P
7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC Datasheet
1Mb / 83P
7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC888S-VC REALTEK-ALC888S-VC_08 Datasheet
1Mb / 83P
7.12 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com