Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS4126 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MPS4126
Description  Amplifier Transistor(PNP Silicon)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MPS4126 Datasheet(HTML) 1 Page - ON Semiconductor

  MPS4126 Datasheet HTML 1Page - ON Semiconductor MPS4126 Datasheet HTML 2Page - ON Semiconductor MPS4126 Datasheet HTML 3Page - ON Semiconductor MPS4126 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Amplifier Transistor
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCE
–25
Vdc
Collector–Base Voltage
VCB
–25
Vdc
Emitter–Base Voltage
VEB
–4.0
Vdc
Collector Current — Continuous
IC
–200
mAdc
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = –1.0 mA, IB = 0)
V(BR)CEO
–25
Vdc
Collector–Base Breakdown Voltage
(IC = –10 mA, IE = 0)
V(BR)CBO
–25
Vdc
Emitter–Base Breakdown Voltage
(IC = 0, IE = –10 mA)
V(BR)EBO
–4.0
Vdc
Collector Cutoff Current
(VCB = –20 V, IE = 0)
ICBO
–50
nAdc
Emitter Cutoff Current
(VEB = –3.0 V, IC = 0)
IEBO
–50
nAdc
ON Semiconductort
© Semiconductor Components Industries, LLC, 2001
November, 2001 – Rev. 2
1
Publication Order Number:
MPS4126/D
MPS4126
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
COLLECTOR
3
2
BASE
1
EMITTER


Similar Part No. - MPS4126

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS4126 MOTOROLA-MPS4126 Datasheet
73Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
MPS4126 ONSEMI-MPS4126 Datasheet
43Kb / 3P
   Amplifier Transistor PNP Silicon
March, 2006 ??Rev. 3
MPS4126RLRA ONSEMI-MPS4126RLRA Datasheet
43Kb / 3P
   Amplifier Transistor PNP Silicon
March, 2006 ??Rev. 3
MPS4126RLRAG ONSEMI-MPS4126RLRAG Datasheet
43Kb / 3P
   Amplifier Transistor PNP Silicon
March, 2006 ??Rev. 3
MPS4126 ONSEMI-MPS4126_06 Datasheet
43Kb / 3P
   Amplifier Transistor PNP Silicon
March, 2006 ??Rev. 3
More results

Similar Description - MPS4126

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTA56 UTC-MMBTA56 Datasheet
116Kb / 5P
   AMPLIFIER TRANSISTOR PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
340Kb / 1P
   PNP Silicon Amplifier Transistor
MPSA55 MCC-MPSA55_11 Datasheet
218Kb / 2P
   PNP Silicon Amplifier Transistor
logo
ON Semiconductor
2N5087 ONSEMI-2N5087 Datasheet
300Kb / 8P
   Amplifier Transistor(PNP Silicon)
November, 2001 ??Rev. 1
MPSA70 ONSEMI-MPSA70 Datasheet
427Kb / 8P
   Amplifier Transistor(PNP Silicon)
1996
2N5087 ONSEMI-2N5087_07 Datasheet
156Kb / 7P
   Amplifier Transistor PNP Silicon
March, 2007 ??Rev. 4
MPS4126 ONSEMI-MPS4126_06 Datasheet
43Kb / 3P
   Amplifier Transistor PNP Silicon
March, 2006 ??Rev. 3
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55_08 Datasheet
119Kb / 2P
   PNP Silicon Amplifier Transistor
logo
Motorola, Inc
2N5400 MOTOROLA-2N5400 Datasheet
177Kb / 6P
   Amplifier Transistor(PNP Silicon)
logo
ON Semiconductor
MPSL51 ONSEMI-MPSL51 Datasheet
187Kb / 6P
   Amplifier Transistor(PNP Silicon)
1996
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com