Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MECS-7210 Datasheet(PDF) 2 Page - Adlink Technology Inc.

Part # MECS-7210
Description  2U 19 Edge Server
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

MECS-7210 Datasheet(HTML) 2 Page - Adlink Technology Inc.

  MECS-7210 Datasheet HTML 1Page - Adlink Technology Inc. MECS-7210 Datasheet HTML 2Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.adlinktech.com
All products and company names listed are trademarks or trade names of their respective companies.
Updated Sep. 14, 2020. ©2020 ADLINK Technology, Inc. All Rights Reserved.
All specifications are subject to change without further notice.
Specifications
Storage
Drive Bays
2x 2.5” hot-swappable SATA 6 Gb/s drive bays
1x onboard M.2 2242 M key SATA 6 Gb/s
2x onboard M.2 2242/2280 NVMe
LEDs
Power, Alert, Drive Activity (user programmable)
TPM
TPM1.2/2.0 (SKU dependent)
Intel® QuickAssist Technology
100Gb/s Intel® QAT support (SKU dependent)
Mechanical and Environmental
Form Factor: 2U 19’’ rackmount 438mm x 88mm x 420mm (WxHxD)
Fans: 3 fans, adaptive speed
Power: 800W/1200W 1+1 redundant PSU (SKU dependent)
100V to 240VAC @50 - 60Hz
-36V to - 72VDC
240V to 310V HVDC
Temperature and humidity
Operating: -5°C to +55°C, 10%-85% RH @40°C, non-condensing
(Note: HDD and PCIe cards not included.)
Storage: -40°C to +70°C, 5%-90% RH, non-condensing
Shock
Operating: Half-sine 2G, 11ms pulse, 100 pulses in each direction
Non-operating: Trapezoidal, 25G, 170 inches/sec delta V, three drops in each
direction
Vibration
Non-operating Vibration: 2.2Grms, 10 minutes per axis in each direction
Regulatory
FCC Class A, CE emissions, UL, CB, CCC and RoHS compliant
Software Support
Validated with DPDK, provides a high throughput for data plane packet
processing
Mechanical Overview
Front View
Rear View
420mm
438mm
88mm


Similar Part No. - MECS-7210

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
MEC-PSA-ID LINX-MEC-PSA-ID Datasheet
828Kb / 3P
   Weatherized assembly for outdoor installation
8/31/2017
logo
List of Unclassifed Man...
MEC0251V1-0000-A99 ETC-MEC0251V1-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
MEC0251V2-0000-A99 ETC-MEC0251V2-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
MEC0251V3-0000-A99 ETC-MEC0251V3-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
MEC0252V1-0000-A99 ETC-MEC0252V1-0000-A99 Datasheet
1Mb / 10P
   DR MagLev motor fan
2010/05/31
More results

Similar Description - MECS-7210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRP-2300 ETC2-EFRP-2300 Datasheet
373Kb / 3P
   2U 300W Server Power Supply
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R_15 Datasheet
129Kb / 1P
   High Performance 2U Storage Server
logo
Advantech Co., Ltd.
ASR-3272 ADVANTECH-ASR-3272 Datasheet
1Mb / 2P
   2U 12-bay Storage Server
logo
List of Unclassifed Man...
EFRP-G2400 ETC2-EFRP-G2400 Datasheet
438Kb / 2P
   2U 400W Server Power Supply
TA77-B7061 ETC2-TA77-B7061 Datasheet
776Kb / 2P
   2U Dual-Socket Server Implementation
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
   High Performance 2U Storage Server
logo
List of Unclassifed Man...
EFRP-G2550 ETC2-EFRP-G2550 Datasheet
438Kb / 2P
   2U 550W Server Power Supply
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
   High Performance 2U Storage Server
logo
Advantech Co., Ltd.
SKY-7223D ADVANTECH-SKY-7223D Datasheet
1Mb / 2P
   2U 5G vRAN & Edge Computing (OTII Compliant) Server
12-May-2021
logo
AAEON Technology
ARC-625M AAEON-ARC-625M Datasheet
292Kb / 2P
   2U Height 19??Rackmount Chassis
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com