Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MECS-7210 Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # MECS-7210
Description  2U 19 Edge Server
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

MECS-7210 Datasheet(HTML) 1 Page - Adlink Technology Inc.

  MECS-7210 Datasheet HTML 1Page - Adlink Technology Inc. MECS-7210 Datasheet HTML 2Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MECS-7210
2U 19” Edge Server with Intel® Xeon® Scalable Silver/Gold Processors
for 5G MEC Infrastructure Deployment
Features
Up to 2x 1st or 2nd Gen Intel® Xeon® Scalable Processors
16x DDR4 2666 ECC REG memory up to 512GB
2x 2.5" SATA bays
3x M.2 interfaces on board
2x PCIe x16 Gen3 single/dual-slot FHFL interfaces
TPM 1.2/ 2.0 module
2U 19’’ rackmount form factor, 420mm depth
Built-in Intel® QuickAssist Technology support
Specifications
CPU / Chipset / Memory
CPU
Up to 2x 1st or 2nd Gen Intel® Xeon® Scalable Processors (max. 125W TDP),
including:
Intel Xeon® Silver 4116 Processor 2.10 GHz (12C,85W)
Intel Xeon® Silver 4210 Processor 2.20 GHz (10C,85W)
Intel Xeon® Silver 4214 Processor 2.20 GHz (12C,85W)
Intel Xeon® Silver 4216 Processor 2.10 GHz (16C,100W)
Intel Xeon® Gold 6130 Processor 2.10 GHz (16C,125W)
Intel Xeon® Gold 6230 Processor 2.10 GHz (20C,125W)
Intel Xeon® Gold 6238T Processor 1.90 GHz (22C,125W)
Note: Models equipped with dual PCIe slots only support CPUs with 85W TDP.
Chipset
Intel® C624/C627 Chipset (SKU dependent)
Memory
16x DDR4-2666 DIMM sockets, ECC, registered, up to 512GB
BIOS
AMI BIOS on SPI flash memory
Operating System
Windows 7 64-bit
Windows 10 64-bit
Windows Server 2016
Linux Kernel 2.6 and above
I/O Interfaces
Expansion
2x PCIe x16 Gen3 single/dual-slot FHFL interfaces
2x RJ-45 10/100/1000BASE-T Ethernet ports
4x 10G SFP+ Ethernet ports
Console
1x RJ-45 serial port
USB
2x USB 3.0
Graphics
1x VGA port (internal)
Control
Power
Power button on the front of chassis
Management
IPMI v2.0 with iKVM and SOL support
Preliminary


Similar Part No. - MECS-7210

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
MEC-PSA-ID LINX-MEC-PSA-ID Datasheet
828Kb / 3P
Weatherized assembly for outdoor installation
8/31/2017
logo
List of Unclassifed Man...
MEC0251V1-0000-A99 ETC-MEC0251V1-0000-A99 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
MEC0251V2-0000-A99 ETC-MEC0251V2-0000-A99 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
MEC0251V3-0000-A99 ETC-MEC0251V3-0000-A99 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
MEC0252V1-0000-A99 ETC-MEC0252V1-0000-A99 Datasheet
1Mb / 10P
DR MagLev motor fan
2010/05/31
More results

Similar Description - MECS-7210

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
ARC-625M AAEON-ARC-625M Datasheet
292Kb / 2P
2U Height 19??Rackmount Chassis
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
High Performance 2U Storage Server
CRS-720X-2R AAEON-CRS-720X-2R_15 Datasheet
129Kb / 1P
High Performance 2U Storage Server
logo
List of Unclassifed Man...
TA77-B7061 ETC2-TA77-B7061 Datasheet
776Kb / 2P
2U Dual-Socket Server Implementation
EFRP-2300 ETC2-EFRP-2300 Datasheet
373Kb / 3P
2U 300W Server Power Supply
EFRP-G2400 ETC2-EFRP-G2400 Datasheet
438Kb / 2P
2U 400W Server Power Supply
EFRP-G2550 ETC2-EFRP-G2550 Datasheet
438Kb / 2P
2U 550W Server Power Supply
logo
Advantech Co., Ltd.
ASR-3272 ADVANTECH-ASR-3272 Datasheet
1Mb / 2P
2U 12-bay Storage Server
SKY-7223D ADVANTECH-SKY-7223D Datasheet
1Mb / 2P
2U 5G vRAN & Edge Computing (OTII Compliant) Server
12-May-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com