Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BG600L-M3 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # BG600L-M3
Description  LTE Cat M1/Cat NB2/EGPRS Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

BG600L-M3 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  BG600L-M3 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. BG600L-M3 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LTE Cat M1/Cat NB2/EGPRS Module
Variant for the Global
BG600L-M3
Cat M1:
LTE-FDD: B1/B2/B3/B4/B5/B8/B12/B13/
B18/B19/B20/B25/B26/B27/B28/B66/B85
Cat NB2:
LTE-FDD: B1/B2/B3/B4/B5/B8/B12/B13/B18/
B19/B20/B25/B28/B66/B71/B85
EGPRS:
850/900/1800/1900 MHz
Data
Cat M1:
Max. 588 kbps (DL)/ 1119 kbps (UL)
Cat NB2:
Max. 127 kbps (DL)/ 158.5 kbps (UL)
Cat NB1:
Max. 32 kbps (DL)/ 70 kbps (UL)
EDGE:
Max. 296 kbps (DL)/ 236.8 kbps (UL)
GPRS:
Max. 107 kbps (DL)/ 85.6 kbps (UL)
Voice*
VoLTE for LTE Cat M1
CS Voice for GSM
SMS
Point-to-point MO and MT
SMS Cell Broadcast
Text and PDU Mode
Interfaces
(U)SIM × 1 (1.8 V only)
USB 2.0 × 1
UART × 3
ADC × 1
PWRKEY × 1
RESET_N × 1
PCM* × 1 (For VoLTE Only)
I2C* × 1 (For VoLTE Only)
GPIO × 6
GRFC × 2
NET_STATUS × 1 (Network Status Indication)
STATUS × 1 (Power ON/OFF Status Indication)
Antenna × 2 (For LTE & GNSS Antennas)
Enhanced Features
GNSS:
GPS/GLONASS/BeiDou/Galileo/QZSS
Firmware Upgrade:
via USB interface
DFOTA:
Delta Firmware Upgrade Over-the-Air
Processor:
ARM A7 Processor
QuecOpen®:
Simplifies the Development of Embedded
Applications
QuecLocator®:
Support Cell ID Positioning
Electrical Characteristics
Output Power:
Max. Power: 21 dBm @ LTE Bands
Power Consumption @ LTE Cat M1 (Typical):
Power Saving Mode: 4.0 μA
Sleep Mode: 1.61 mA @ DRX = 1.28 s
0.72 mA @ e-I-DRX = 81.92 s
Idle Mode:
17.9 mA @ DRX = 1.28 s
17.2 mA @ e-I-DRX = 81.92 s
Active Mode: 204 mA @ 21 dBm (GNSS OFF)
Power Consumption @ LTE Cat NB1 (Typical):
Power Saving Mode: 4.0 μA
Sleep State: 1.34 mA @ DRX = 1.28 s
0.75 mA @ e-I-DRX = 81.92 s
Idle State:
14.3 mA @ DRX = 1.28 s
13.8 mA @ e-I-DRX = 81.92 s
Active Mode: 166 mA @ 21 dBm (GNSS OFF)
Software Features
USB Serial Driver:
Windows 7/8/8.1/10,
Linux 2.6–5.4*,
Android 4.x–10.x*
GNSS/RIL Driver*:
Android 4.x–10.x
Protocols:
PPP/TCP/UDP/SSL/TLS/FTP(S)/HTTP(S)/NITZ/
PING/MQTT/CoAP/IPv6
General Features
LGA Package
3GPP E-UTRA Release 14
Supply Voltage: 3.3V–4.3 V, Typ. 3.8V
Operating Temperature Range: -35 °C to +75 °C
Extended Temperature Range: -40 °C to +85 °C
Dimensions: 18.7 mm × 16.0 mm × 2.1 mm
3GPP TS27.007, 3GPP TS 27.005 and Quectel
Enhanced AT Commands
Approvals
Carrier:
Vodafone*/Deutsche Telekom*/Telefónica*
(Europe)
Verizon*/AT&T*/T-Mobile*/Sprint* (America)
Regulatory:
CCC* (China)
GCF (Global)
CE (Europe)
PTCRB (North America)
FCC (America)
IC* (Canada)
RCM* (Australia/New Zealand)
Others:
RoHS
* Under Development/Planning or Ongoing
Quectel BG600L-M3
Copyright © 2020 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com


Similar Part No. - BG600L-M3

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BG640480A BOLYMIN-BG640480A Datasheet
181Kb / 1P
   FSTN LCD, TAB IC, TCP package with frame No built-in controller (Recommending SED1375)
logo
Baumer IVO GmbH & Co. K...
BG650 IVO-BG650 Datasheet
599Kb / 4P
   EC-motor with planetary gear unit for automatic spindle positioning cycles
BG650.2505201 IVO-BG650.2505201 Datasheet
599Kb / 4P
   EC-motor with planetary gear unit for automatic spindle positioning cycles
BG650.5005201 IVO-BG650.5005201 Datasheet
599Kb / 4P
   EC-motor with planetary gear unit for automatic spindle positioning cycles
BG650.7505201 IVO-BG650.7505201 Datasheet
599Kb / 4P
   EC-motor with planetary gear unit for automatic spindle positioning cycles
More results

Similar Description - BG600L-M3

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG77 QUECTEL-BG77 Datasheet
1Mb / 2P
   Ultra-Compact LTE Cat M1/Cat NB2 Module
logo
Telit loT Solutions
ME310G1 TELIT-ME310G1 Datasheet
686Kb / 2P
   LTE Cat M1/NB2 Embedded
ML865G1 TELIT-ML865G1 Datasheet
742Kb / 2P
   LTE Cat M1/NB2 Embedded
ME910G1 TELIT-ME910G1 Datasheet
543Kb / 2P
   LTE Cat M1/NB2 Embedded
ME310G1-W2 TELIT-ME310G1-W2 Datasheet
1Mb / 2P
   LTE Cat M1/NB2 Embedded
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com