Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BG600L-M3 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # BG600L-M3
Description  LTE Cat M1/Cat NB2/EGPRS Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

BG600L-M3 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  BG600L-M3 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. BG600L-M3 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel BG600L-M3
LTE Cat M1/Cat NB2/EGPRS Module
BG600L-M3 is a multi-mode LPWA module supporting LTE Cat M1/Cat NB2/EGPRS and integrated GNSS. It is 3GPP Rel. 14
compliant and offers maximum data rates of 588 kbps downlink and 1119 kbps uplink under LTE Cat M1. It features ultra-low
power consumption by leveraging the integrated RAM/flash as well as the ARM Cortex A7 processor supporting ThreadX,
achieving up to 70% reduction in PSM leakage and 85% reduction in eDRX current consumption compared to its predecessor.
BG600L-M3 boasts a comprehensive set of hardware-based security features and enables trusted applications to run directly
on the Cortex A7 TrustZone engine. Additionally, BG600L-M3 is compatible with Quectel GSM/GPRS/GNSS module MC60,
providing customers a convenient solution for network migration.
With a cost-effective SMT form factor of 18.7 mm × 16.0 mm × 2.1 mm and high integration level, BG600L-M3 enables
integrators and developers to easily design their applications and take advantage from the module’s low power consumption
and mechanical intensity. Its advanced package allows fully automated manufacturing for high-volume applications. A rich set
of Internet protocols, industry-standard interfaces (USB/UART/PCM/STATUS) and abundant functions (e.g. USB drivers for
Windows 7/8/8.1/10, Linux and Android, etc.) extend the applicability of the module to a wide range of M2M applications
such as tracking, wireless POS, smart metering and wearable devices.
Key Features
LTE Cat M1/Cat NB2/EGPRS module with ultra-low power consumption
Easy migration from Quectel GSM/GPRS/GNSS module MC60
Support VoLTE* for LTE Cat M1 and CS voice* for GSM
Integrated RAM and flash in the baseband chipset
Comprehensive set of hardware-based security features
Fast time-to-market: reference designs, evaluation tools and timely
technical support minimize design-in time and development efforts
Compact SMT form factor ideal for size-constrained applications with
tight space
Robust mounting and interfaces
LTE Cat M1/
Cat NB2
LGA Package
Embedded Abundant
Protocols
DFOTA
USB 2.0 Interface
Quectel Enhanced
AT Commands
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
EGPRS
Rev.: V1.2 | Status: Released
Ultra-low Power
Consumption
Integrated RAM/
Flash in Chipset
16.0 mm
2.1 mm


Similar Part No. - BG600L-M3

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BG640480A BOLYMIN-BG640480A Datasheet
181Kb / 1P
   FSTN LCD, TAB IC, TCP package with frame No built-in controller (Recommending SED1375)
logo
Baumer IVO GmbH & Co. K...
BG650 IVO-BG650 Datasheet
599Kb / 4P
   EC-motor with planetary gear unit for automatic spindle positioning cycles
BG650.2505201 IVO-BG650.2505201 Datasheet
599Kb / 4P
   EC-motor with planetary gear unit for automatic spindle positioning cycles
BG650.5005201 IVO-BG650.5005201 Datasheet
599Kb / 4P
   EC-motor with planetary gear unit for automatic spindle positioning cycles
BG650.7505201 IVO-BG650.7505201 Datasheet
599Kb / 4P
   EC-motor with planetary gear unit for automatic spindle positioning cycles
More results

Similar Description - BG600L-M3

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG77 QUECTEL-BG77 Datasheet
1Mb / 2P
   Ultra-Compact LTE Cat M1/Cat NB2 Module
logo
Telit loT Solutions
ME310G1 TELIT-ME310G1 Datasheet
686Kb / 2P
   LTE Cat M1/NB2 Embedded
ML865G1 TELIT-ML865G1 Datasheet
742Kb / 2P
   LTE Cat M1/NB2 Embedded
ME910G1 TELIT-ME910G1 Datasheet
543Kb / 2P
   LTE Cat M1/NB2 Embedded
ME310G1-W2 TELIT-ME310G1-W2 Datasheet
1Mb / 2P
   LTE Cat M1/NB2 Embedded
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com