Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BG96 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # BG96
Description  LTE Cat M1 & Cat NB1 & EGPRS Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

BG96 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  BG96_V01 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. BG96_V01 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LTE Cat M1 & Cat NB1 &
EGPRS Module
Variant for the Global
BG96
Cat M1/Cat NB1:
LTE FDD: B1/B2/B3/B4/B5/B8/B12/B13/B18/
B19/B20/B25
/B26*/B28
LTE TDD: B39 (For Cat M1 Only)
EGPRS:
850/900/1800/1900 MHz
Data
Cat M1: Max. 375 kbps (DL), Max. 375 kbps (UL)
Cat NB1: Max. 32 kbps (DL), Max. 70 kbps (UL)
EDGE: Max. 296 kbps (DL), Max. 236.8 kbps (UL)
GPRS: Max. 107 kbps (DL), Max. 85.6 kbps (UL)
Voice
VoLTE (For Cat M1 Only. Support Realtek ALC
5616 /NAU8814 Codec by Default Firmware)
SMS
Point-to-point MO and MT
SMS Cell Broadcast
Text and PDU Mode
Interfaces
USB 2.0 × 1 (With High Speed up to 480 Mbps)
UART × 3
PCM × 1
ADC × 2 (15 bits)
GPIO × 2 (I2C and UART3 Can be Re-configured
as Extra 4 GPIOs)
(U)SIM × 1
NETLIGHT × 1 (For Network Status Indication)
STATUS × 1 (For Power ON/OFF Indication)
Main and GNSS Antenna Interfaces
Enhanced Features
GNSS (Optional):
GPS, GLONASS, BeiDou/Compass, Galileo, QZSS
Firmware Upgrade:
via USB interface
DFOTA:
Delta Firmware upgrade Over the Air
Processor:
ARM A7 Processor, with 3 MB Flash and 3 MB
RAM Available for Users
QuecLocator
®*:
Support Cell ID Positioning
Electrical Characteristics
Output Power:
Max. Power: 23 dBm
Consumption @ LTE Cat M1 (Typical):
Power Saving Mode: 10 μA
Idle State: 15 mA @ DRX = 1.28 s
15 mA @ e-I-DRX = 40.96 s
Sleep State: 1.5 mA @ DRX = 1.28 s
1.2 mA @ e-I-DRX = 40.96 s
LTE Connected Mode (Avg.):
128 mA @ 0 dBm
140 mA @ 10 dBm
205 mA @ 23 dBm
Consumption @ LTE Cat NB1 (Typical):
Power Saving Mode: 10 μA
Idle State: 15 mA @ DRX = 1.28 s
15 mA @ e-I-DRX = 40.96 s
Sleep State: 1.96 mA @DRX = 1.28 s
1.1 mA @e-I-DRX = 40.96 s
LTE Connected Mode (Avg.):
96 mA @ 0 dBm
110 mA @ 10 dBm
223 mA @ 23 dBm
Sensitivity:
-107 dBm @ Cat M1, 1.4 MHz Bandwidth, CE
Mode A
-113 dBm @ Cat NB1, CE Level 0
Software Features
USB Serial Driver:
Windows 7/8/8.1/10,
Linux 2.6/3.x/4.1–4.14,
Android 4.x–9.x
GNSS/RIL Driver: Android 4.x–9.x
NDIS Driver: Windows 7/8/8.1/10
GobiNet Driver: Linux 2.6–5.4
QMI_WWAN Driver: Linux 3.4–5.4
Protocols:
PPP/TCP/UDP/SSL/TLS/FTP(S)/HTTP(S)/NITZ/
PING/MQTT
General Features
3GPP E-UTRA Release 13
Operation Temperature Range: -35 °C to +75 °C
Extended Temperature Range: -40 °C to +85 °C
Dimensions: 26.5 mm × 22.5 mm × 2.3 mm
Approx. 3.1 g
LGA Package
Supply Voltage: 3.3–4.3 V, 3.8 V Typ.
3GPP TS27.007, 3GPP TS 27.005 and Quectel
Enhanced AT Commands
Approvals
Carrier:
Vodafone (Global)
Deutsche Telekom/Telefónica (Europe)
Verizon/AT&T/T-Mobile/Sprint/U.S. Cellular
(North America)
Rogers/Telus (Canada)
SKT/LGU+ (South Korea)
NTT DOCOMO/SoftBank/KDDI (Japan)
Telstra (Australia)
Regulatory:
GCF (Global)
CE (Europe)
FCC/PTCRB (North America)
IC (Canada)
Anatel (Brazil)
IFETEL (Mexico)
CCC (China)
KC (South Korea)
NCC (Taiwan, China)
JATE/TELEC (Japan)
RCM (Australia)
NBTC (Thailand)
IMDA (Singapore)
Others:
RoHS
LTE B25 Supported on BG96 with R1.2
Hardware Version.
* Under Development
Quectel BG96
Copyright © 2020 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com


Similar Part No. - BG96_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BG96 ETC2-BG96 Datasheet
2Mb / 72P
   Our aim is to provide customers with timely and comprehensive service.
logo
Quectel Wireless Soluti...
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
More results

Similar Description - BG96_V01

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
logo
Telit loT Solutions
ML865C1 TELIT-ML865C1 Datasheet
496Kb / 2P
   LTE Cat M1/NB1 Embedded
ME910C1 TELIT-ME910C1 Datasheet
522Kb / 2P
   LTE Cat M1/NB1 Embedded
logo
Advantech Co., Ltd.
WISE-4471 ADVANTECH-WISE-4471 Datasheet
582Kb / 2P
   Cat. NB1/ Cat. M1 Wireless I/O Module
30-Jul-2019
logo
Telit loT Solutions
ME910C1 TELIT-ME910C1_V01 Datasheet
373Kb / 2P
   LTE Cat M1/NB1 mPCIe Data Cards
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com