Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BG96 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # BG96
Description  LTE Cat M1 & Cat NB1 & EGPRS Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

BG96 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  BG96_V01 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. BG96_V01 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel BG96
LTE Cat M1 & Cat NB1 &
EGPRS Module
BG96 is an LTE Cat M1/Cat NB1/EGPRS module offering maximum data rates of 375 kbps downlink and uplink. It features
global frequency bands, ultra-low power consumption, and is compatible with Quectel LTE Standard module EG91/EG95,
LPWA module BC95-G/BG95, UMTS/HSPA module UG95/UG96 and GSM/GPRS module M95.
With a cost-effective SMT form factor of 26.5 mm × 22.5 mm × 2.3 mm and high integration level, BG96 enables integrators
and developers to easily design their applications and take advantage from the module’s low power consumption and
mechanical intensity. Its advanced LGA package allows fully automated manufacturing for high-volume applications.
A rich set of Internet protocols, industry-standard interfaces (USB/UART/I2C/Status Indicator) and abundant functionalities
(USB drivers for Windows 7/8/8.1/10, Linux and Android) extend the applicability of the module to a wide range of M2M
applications such as wireless POS, smart metering, tracking, etc.
Key
Benefits
LTE Cat M1/Cat NB1/EGPRS module with ultra-low power consumption
Compact SMT form factor ideal for size-constrained applications with
tight space
Easy migration from Quectel GSM/GPRS, UMTS/HSPA and LTE modules
Super slim profile in LGA package
Fast time-to-market: reference designs, evaluation tools and timely
technical support minimize design-in time and development efforts
Robust mounting and interfaces
LTE Cat M1 &
Cat NB1
LGA Package
Embedded Abundant
Protocols
DFOTA
USB 2.0 High Speed
Interface
USB Drivers
Quectel Enhanced
AT Commands
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Compact Size
Rev.: V1.8 | Status: Released
EGPRS
22.5 mm
2.3 mm


Similar Part No. - BG96_V01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BG96 ETC2-BG96 Datasheet
2Mb / 72P
   Our aim is to provide customers with timely and comprehensive service.
logo
Quectel Wireless Soluti...
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
More results

Similar Description - BG96_V01

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
logo
Telit loT Solutions
ML865C1 TELIT-ML865C1 Datasheet
496Kb / 2P
   LTE Cat M1/NB1 Embedded
ME910C1 TELIT-ME910C1 Datasheet
522Kb / 2P
   LTE Cat M1/NB1 Embedded
logo
Advantech Co., Ltd.
WISE-4471 ADVANTECH-WISE-4471 Datasheet
582Kb / 2P
   Cat. NB1/ Cat. M1 Wireless I/O Module
30-Jul-2019
logo
Telit loT Solutions
ME910C1 TELIT-ME910C1_V01 Datasheet
373Kb / 2P
   LTE Cat M1/NB1 mPCIe Data Cards
logo
Murata Manufacturing Co...
LBAD0XX1SC MURATA1-LBAD0XX1SC Datasheet
679Kb / 23P
   LTE CAT M1 Module
Revision 1.2 5/4/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com