Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BG95-M3 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # BG95-M3
Description  LTE Cat M1 & Cat NB2 & EGPRS Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

BG95-M3 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  BG95-M3 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. BG95-M3 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LTE Cat M1 & Cat NB2 &
EGPRS Module
Variant for the Global
BG95-M3 Mini PCIe
Cat M1:
B1/B2/B3/B4/B5/B8/B12/B13/B18/B19/B20/
B25/B26/B27/B28/B66/B85
Cat NB2:
B1/B2/B3/B4/B5/B8/B12/B13/B18/B19/B20/
B25/B28/B66/B71/B85
EGPRS:
850/900/1800/1900 MHz
Data
Cat M1:
Max. 588 kbps (DL), Max. 1119 kbps (UL)
Cat NB2:
Max. 127 kbps (DL), Max. 158.5 kbps (UL)
EDGE:
Max. 296 kbps (DL), Max. 236.8 kbps (UL)
GPRS:
Max. 107 kbps (DL), Max. 85.6 kbps (UL)
Voice*
VoLTE For LTE Cat M1
CS Voice for GSM
SMS
Point-to-point MO and MT
SMS Cell Broadcast
Text and PDU Mode
Interfaces
USB 2.0 × 1
UART × 1
I2C* × 1 (For VoLTE Only)
PCM* × 1 (For VoLTE Only)
(U)SIM × 1 (1.8V Only)
LED_WWAN# for Network Status Indication
W_DISABLE# for Disabling RF Function
PERST# for Module Resetting
WAKE# for Waking up a Host
Enhanced Features
GNSS:
GPS, GLONASS, BeiDou, Galileo, QZSS
Firmware Upgrade:
via USB interface
DFOTA:
Delta Firmware Upgrade Over the Air
Processor:
ARM A7 Processor
Electrical Characteristics
Output Power:
Max. Power: 21 dBm (Power Class 5)
Power Consumption @ LTE Cat M1 (Typ.):
Idle State:
28 mA @ DRX 1.28 s
27 mA @ eDRX = 40.96 s
LTE Connected Mode (Avg.):
255 mA @ max. power
Power Consumption @ LTE Cat NB1 (Typ.):
Idle State:
28 mA @ DRX 1.28 s
27 mA @ eDRX = 40.96 s
LTE Connected Mode (Avg.):
249 mA @ max power
Software Features
USB Serial Driver:
Windows 7/8/8.1/10,
Linux 2.6–5.4,
Android 4.x–9.x
GNSS/RIL Driver*:
Android 4.x–9.x
Protocols:
PPP/TCP/UDP/SSL/TLS/FTP(S)/HTTP(S)/NITZ/
PING/MQTT/LwM2M/CoAP/IPv6
General Features
Mini PCIe Package
3GPP E-UTRA Release 14
Supply Voltage: 3.0–3.6 V, Typ. 3.3 V
Dimensions: 51.0 mm × 30.0 mm × 4.9 mm
Operating Temperature Range: -35 °C to +75 °C
Extended Temperature Range: -40 °C to +80 °C
3GPP TS27.007, 3GPP TS 27.005 and Quectel
Enhanced AT Commands
Approvals*
Carrier:
Vodafone (Global)
Deutsche Telekom (Europe)
Verizon/AT&T/T-Mobile/Sprint (North America)
China Telecom/China Mobile/China Unicom
(China)
SKT (South Korea)
NTT DOCOMO/SoftBank/KDDI (Japan)
Telstra (Australia)
Regulatory:
GCF (Global)
CE (Europe)
FCC/PTCRB (North America)
IC (Canada)
Anatel (Brazil)
SRRC/NAL/CCC (China)
KC (South Korea)
NCC (Taiwan, China)
JATE/TELEC (Japan)
RCM (Australia/New Zealand)
NBTC (Thailand)
IMDA (Singapore)
Others:
RoHS/PEN/ATEX
* Under Development/Planning
Quectel BG95-M3 Mini PCIe
Copyright © 2020 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai 200233, China
Tel: +86 21 51086236
Email: info@quectel.com


Similar Part No. - BG95-M3

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
More results

Similar Description - BG95-M3

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG77 QUECTEL-BG77 Datasheet
1Mb / 2P
   Ultra-Compact LTE Cat M1/Cat NB2 Module
logo
Telit loT Solutions
ME310G1 TELIT-ME310G1 Datasheet
686Kb / 2P
   LTE Cat M1/NB2 Embedded
ML865G1 TELIT-ML865G1 Datasheet
742Kb / 2P
   LTE Cat M1/NB2 Embedded
ME910G1 TELIT-ME910G1 Datasheet
543Kb / 2P
   LTE Cat M1/NB2 Embedded
ME310G1-W2 TELIT-ME310G1-W2 Datasheet
1Mb / 2P
   LTE Cat M1/NB2 Embedded
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com