Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BG95-M3 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # BG95-M3
Description  LTE Cat M1 & Cat NB2 & EGPRS Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

BG95-M3 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  BG95-M3 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. BG95-M3 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quectel BG95-M3 Mini PCIe
LTE Cat M1 & Cat NB2 &
EGPRS Module
BG95-M3 Mini PCIe is a multi-band LTE Cat M1/Cat NB2/EGPRS module adopting standard PCI Express® Mini Card form factor
(Mini PCIe). It offers maximum data rates of 588 kbps downlink and 1119 kbps uplink.
With high integration level and a cost-effective SMT form factor of 51.0 mm × 30.0 mm × 4.9 mm, BG95-M3 Mini PCIe
enables integrators and developers to easily design their applications and take advantage from the module’s low power
consumption and mechanical intensity.
A rich set of Internet protocols, industry-standard interfaces and abundant functionalities (USB drivers for Windows
7/8/8.1/10, Linux, etc.) extend the applicability of the module to a wide range of M2M applications such as wireless POS,
smart metering, tracking, etc.
Key
Benefits
Multi-band LTE Cat M1/Cat NB2/EGPRS module with global coverage
Standard PCI Express® Mini Card form factor (Mini PCIe) ideal for
manufacturers to easily integrate wireless connectivity into their devices
Easy migration from Quectel LTE Standard Mini PCIe modules
Multi-constellation GNSS receiver available for applications requiring
fast and accurate fixes in any environment
Fast time-to-market: reference designs, evaluation tools and timely
technical support minimize design-in time and development efforts
Robust mounting and interfaces
LTE Cat M1 &
Cat NB2
Mini PCIe
Package
Embedded Abundant
Protocols
DFOTA
USB 2.0
Interface
USB Drivers
Quectel Enhanced
AT Commands
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
Rev.: V1.0 | Status: Released
Multi-constellation
GNSS
EGPRS
30.0 mm
4.9 mm


Similar Part No. - BG95-M3

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
More results

Similar Description - BG95-M3

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG77 QUECTEL-BG77 Datasheet
1Mb / 2P
   Ultra-Compact LTE Cat M1/Cat NB2 Module
logo
Telit loT Solutions
ME310G1 TELIT-ME310G1 Datasheet
686Kb / 2P
   LTE Cat M1/NB2 Embedded
ML865G1 TELIT-ML865G1 Datasheet
742Kb / 2P
   LTE Cat M1/NB2 Embedded
ME910G1 TELIT-ME910G1 Datasheet
543Kb / 2P
   LTE Cat M1/NB2 Embedded
ME310G1-W2 TELIT-ME310G1-W2 Datasheet
1Mb / 2P
   LTE Cat M1/NB2 Embedded
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com