Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BG95 Datasheet(PDF) 2 Page - Quectel Wireless Solutions Co., Ltd.

Part # BG95
Description  LTE Cat M1/ Cat NB2/ EGPRS Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

BG95 Datasheet(HTML) 2 Page - Quectel Wireless Solutions Co., Ltd.

  BG95 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. BG95 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd. BG95 Datasheet HTML 3Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Quectel BG95 Series
LPWA Module
BG95-M1
BG95-M2
BG95-M3
BG95-N1
BG95-M4
BG95-M5
BG95-M6
BG95-MF
Region/Operator
For the Global
For the Global
For the Global
For the Global
For the Global
For the Global
For the Global
For the Global
Dimensions (mm)
23.6 × 19.9 × 2.2
23.6 × 19.9 × 2.2
23.6 × 19.9 × 2.2
23.6 × 19.9 × 2.2
23.6 × 19.9 × 2.2
23.6 × 19.9 × 2.2
23.6 × 19.9 × 2.2
23.6 × 19.9 × 2.2
Temperature Range
Operating Temperature
-35 °C to +75 °C
-35 °C to +75 °C
-35 °C to +75 °C
-35 °C to +75 °C
-35 °C to +75 °C
-35 °C to +75 °C
-35 °C to +75 °C
-35 °C to +75 °C
Extended Temperature
-40 °C to +85 °C
-40 °C to +85 °C
-40 °C to +85 °C
-40 °C to +85 °C
-40 °C to +85 °C
-40 °C to +85 °C
-40 °C to +85 °C
-40 °C to +85 °C
Frequency Bands
LTE-FDD
Cat M1 Only:
B1/B2/B3/B4/B5/B8/
B12/B13/B18/B19/
B20/B25/B26/B27/
B28/B66/B85
Cat M1:
B1/B2/B3/B4/B5/B8/
B12/B13/B18/B19/
B20/B25/B26/B27/
B28/B66/B85
Cat NB2:
B1/B2/B3/B4/B5/B8/
B12/B13/B18/B19/
B20/B25/B28/B66/
B71/B85
Cat M1:
B1/B2/B3/B4/B5/B8/
B12/B13/B18/B19/
B20/B25/B26/B27/
B28/B66/B85
Cat NB2:
B1/B2/B3/B4/B5/B8/
B12/B13/B18/B19/
B20/B25/B28/B66/
B71/B85
Cat NB2 Only:
B1/B2/B3/B4/B5/B8/
B12/B13/B18/B19/
B20/B25/B28/B66/
B71/B85
Cat M1:
B1/B2/B3/B4/B5/B8/
B12/B13/B18/B19/
B20/B25/B26/B27/
B28/B31
/B66/
B72
/B73/B85
Cat NB2:
B1/B2/B3/B4/B5/B8/
B12/B13/B18/B19/
B20/B25/B28/B31
/
B66/B72
/B73/
B85
Cat M1:
B1/B2/B3/B4/B5/B8/
B12/B13/B18/B19/
B20/B25/B26/B27/
B28/B66/B85
Cat NB2:
B1/B2/B3/B4/B5/B8/
B12/B13/B18/B19/
B20/B25/B28/B66/
B71/B85
Cat M1:
B1/B2/B3/B4/B5/B8/
B12/B13/B18/B19/
B20/B25/B26/B27/
B28/B66/B85
Cat NB2:
B1/B2/B3/B4/B5/B8/
B12/B13/B18/B19/
B20/B25/B28/B66/
B71/B85
Cat M1:
B1/B2/B3/B4/B5/B8/
B12/B13/B18/B19/
B20/B25/B26/B27/
B28/B66/B85
Cat NB2:
B1/B2/B3/B4/B5/B8/
B12/B13/B18/B19/
B20/B25/B28/B66/
B71/B85
GSM/EDGE
/
/
850/900/
1800/1900 MHz
/
/
850/900/
1800/1900 MHz
/
/
GNSS
GPS/GLONASS/
BeiDou/Galileo/QZSS
GPS/GLONASS/
BeiDou/Galileo/QZSS
GPS/GLONASS/
BeiDou/Galileo/QZSS
GPS/GLONASS/
BeiDou/Galileo/QZSS
GPS/GLONASS/
BeiDou/Galileo/QZSS
GPS/GLONASS/
BeiDou/Galileo/QZSS
GPS/GLONASS/
BeiDou/Galileo/QZSS
GPS/GLONASS/
BeiDou/Galileo/QZSS
Wi-Fi (For Positioning)
/
/
/
/
/
/
/
2.4 GHz
Data Transmission
LTE-M Data Rate (kbps)
Cat M1:
Max. 588 (DL)
Max. 1119 (UL)
Cat M1:
Max. 588 (DL)
Max. 1119 (UL)
Cat M1:
Max. 588 (DL)
Max. 1119 (UL)
/
Cat M1:
Max. 588 (DL)
Max. 1119 (UL)
Cat M1:
Max. 588 (DL)
Max. 1119 (UL)
Cat M1:
Max. 588 (DL)
Max. 1119 (UL)
Cat M1:
Max. 588 (DL)
Max. 1119 (UL)
NB-IoT Data Rate (kbps)
/
Cat NB2:
Max. 127 (DL)
Max. 158.5 (UL)
Cat NB1:
Max. 32 (DL)
Max. 70 (UL)
Cat NB2:
Max. 127 (DL)
Max. 158.5 (UL)
Cat NB1:
Max. 32 (DL)
Max. 70 (UL)
Cat NB2:
Max. 127 (DL)
Max. 158.5 (UL)
Cat NB1:
Max. 32 (DL)
Max. 70 (UL)
Cat NB2:
Max. 127 (DL)
Max. 158.5 (UL)
Cat NB1:
Max. 32 (DL)
Max. 70 (UL)
Cat NB2:
Max. 127 (DL)
Max. 158.5 (UL)
Cat NB1:
Max. 32 (DL)
Max. 70 (UL)
Cat NB2:
Max. 127 (DL)
Max. 158.5 (UL)
Cat NB1:
Max. 32 (DL)
Max. 70 (UL)
Cat NB2:
Max. 127 (DL)
Max. 158.5 (UL)
Cat NB1:
Max. 32 (DL)
Max. 70 (UL)
EDGE Data Rate (kbps)
/
/
Max. 296 (DL)
Max. 236.8 (UL)
/
/
Max. 296 (DL)
Max. 236.8 (UL)
/
/
GPRS Data Rate (kbps)
/
/
Max. 107 (DL)
Max. 85.6 (UL)
/
/
Max. 107 (DL)
Max. 85.6 (UL)
/
/
Interfaces
(U)SIM
× 1 (1.8 V only)
× 1 (1.8 V only)
× 1 (1.8 V only)
× 1 (1.8 V only)
× 1 (1.8 V only)
× 1 (1.8 V only)
× 1 (1.8 V only)
× 1 (1.8 V only)
UART
× 3
× 3
× 3
× 3
× 3
× 3
× 3
× 3
USB 2.0
× 1
× 1
× 1
× 1
× 1
× 1
× 1
× 1
PCM*
× 1 (for VoLTE Only)
× 1 (for VoLTE Only)
× 1 (for VoLTE Only)
/
× 1 (for VoLTE Only)
× 1 (for VoLTE Only)
× 1 (for VoLTE Only)
× 1 (for VoLTE Only)
I2C*
× 1 (for VoLTE Only)
× 1 (for VoLTE Only)
× 1 (for VoLTE Only)
/
× 1 (for VoLTE Only)
× 1 (for VoLTE Only)
× 1 (for VoLTE Only)
× 1 (for VoLTE Only)
Antenna
× 2
× 2
× 2
× 2
× 2
× 2
× 2
× 3
GPIO
× 9
× 9
× 9
× 9
× 9
× 9
× 9
× 7*
GRFC
× 2
× 2
× 2
× 2*
/
× 2*
× 2*
× 2*
Voice
Voice
VoLTE* for Cat M1
VoLTE* for Cat M1
VoLTE for Cat M1
CS Voice for GSM
/
VoLTE* for Cat M1
VoLTE* for Cat M1
CS Voice* for GSM
VoLTE* for Cat M1
VoLTE* for Cat M1
SMS
SMS
Point-to-point MO/
MT
SMS Cell Broadcast
Text and PDU Mode
Point-to-point MO/
MT
SMS Cell Broadcast
Text and PDU Mode
Point-to-point MO/
MT
SMS Cell Broadcast
Text and PDU Mode
Point-to-point MO/
MT
SMS Cell Broadcast
Text and PDU Mode
Point-to-point MO/
MT
SMS Cell Broadcast
Text and PDU Mode
Point-to-point MO/
MT
SMS Cell Broadcast
Text and PDU Mode
Point-to-point MO/
MT
SMS Cell Broadcast
Text and PDU Mode
Point-to-point MO/
MT
SMS Cell Broadcast
Text and PDU Mode
Enhanced Features
DFOTA
*
*
QuecOpen®
*
*
*
QuecLocator®
Cell ID Positioning*
Cell ID Positioning*
Cell ID Positioning
Cell ID Positioning*
Cell ID Positioning*
Cell ID Positioning*
Cell ID Positioning*
Cell ID Positioning*
Wi-Fi Positioning*
SoftSIM
*
*
*
*
*
*
*
IoT Platform Access
/
/
AWS/ Azure
/
/
/
/
/
Copyright
© 2020 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com
Notes:
1.
LTE-FDD B31/B72/B73 for BG95-M4 supports Power Class 2* and Power Class 3.
2. means supported.
3. * means under development/on-going/planning.


Similar Part No. - BG95

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
562Kb / 2P
   Compact NB-IoT/GSM Dual-mode Module with Ultra-low Power Consumption
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
More results

Similar Description - BG95

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG77 QUECTEL-BG77 Datasheet
1Mb / 2P
   Ultra-Compact LTE Cat M1/Cat NB2 Module
logo
Telit loT Solutions
ME310G1 TELIT-ME310G1 Datasheet
686Kb / 2P
   LTE Cat M1/NB2 Embedded
ML865G1 TELIT-ML865G1 Datasheet
742Kb / 2P
   LTE Cat M1/NB2 Embedded
ME910G1 TELIT-ME910G1 Datasheet
543Kb / 2P
   LTE Cat M1/NB2 Embedded
ME310G1-W2 TELIT-ME310G1-W2 Datasheet
1Mb / 2P
   LTE Cat M1/NB2 Embedded
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com