Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BG95 Datasheet(PDF) 1 Page - Quectel Wireless Solutions Co., Ltd.

Part # BG95
Description  LTE Cat M1/ Cat NB2/ EGPRS Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

BG95 Datasheet(HTML) 1 Page - Quectel Wireless Solutions Co., Ltd.

  BG95 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. BG95 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd. BG95 Datasheet HTML 3Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BG95 is a series of multi-mode LPWA modules supporting LTE Cat M1/Cat NB2/EGPRS and integrated GNSS.It is 3GPP Rel-14
compliant and offers maximum data rates of 588 kbps downlink and 1119 kbps uplink under LTE Cat M1. It features ultra-low
power consumption by leveraging the integrated RAM/flash as well as the ARM Cortex A7 processor supporting ThreadX,
achieving up to 70% reduction in PSM leakage and 85% reduction in eDRX current consumption compared to its predecessor.
BG95 boasts a comprehensive set of hardware-based security features and enables trusted applications to run directly on the
Cortex A7 TrustZone engine. Additionally, BG95 provides pin-to-pin compatibility with Quectel LTE Cat 4 modules EG91/EG95,
LTE Cat M1/Cat NB1/EGPRS module BG96, NB-IoT module BC95, UMTS/HSPA modules UG95/UG96 and GSM/GPRS module
M95.
With a cost-effective SMT form factor of 23.6 mm × 19.9 mm × 2.2 mm and high integration level, BG95 enables integrators
and developers to easily design their applications and take advantage from the module’s low power consumption and
mechanical intensity. Its advanced LGA package allows fully automated manufacturing for high-volume applications. A rich set
of Internet protocols, industry-standard interfaces and abundant functions extend the applicability of the module to a wide
range of M2M applications such as wireless POS, smart metering, tracking, wearable devices, etc.
Key Features
LTE Cat M1/Cat NB2/EGPRS module with ultra-low power consumption
Easy migration from Quectel GSM/GPRS, UMTS/HSPA and LTE modules
Integrated RAM and flash in the baseband chipset
Comprehensive set of hardware-based security features
Support VoLTE* (Cat M1 only), CS voice* for GSM, QuecOpen
®, eSIM, etc.
Fast time-to-market: reference designs, evaluation tools and timely
technical support minimize design-in time and development efforts
Compact SMT form factor ideal for size-constrained applications with
tight space
Robust mounting and interfaces
LTE Cat M1 &
Cat NB2
Rev.: V1.5 | Status: Released
EMAIL US: info@quectel.com
VISIT US: www.quectel.com
EGPRS
LGA Package
Embedded Abundant
Protocols
DFOTA
USB 2.0 Interface
Ultra-low Power
Consumption
Quectel Enhanced
AT Commands
Integrated RAM/
Flash in Chipset
Quectel BG95 Series
LTE Cat M1/ Cat NB2/
EGPRS Module
19.9 mm
2.2 mm


Similar Part No. - BG95

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
562Kb / 2P
   Compact NB-IoT/GSM Dual-mode Module with Ultra-low Power Consumption
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
More results

Similar Description - BG95

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG77 QUECTEL-BG77 Datasheet
1Mb / 2P
   Ultra-Compact LTE Cat M1/Cat NB2 Module
logo
Telit loT Solutions
ME310G1 TELIT-ME310G1 Datasheet
686Kb / 2P
   LTE Cat M1/NB2 Embedded
ML865G1 TELIT-ML865G1 Datasheet
742Kb / 2P
   LTE Cat M1/NB2 Embedded
ME910G1 TELIT-ME910G1 Datasheet
543Kb / 2P
   LTE Cat M1/NB2 Embedded
ME310G1-W2 TELIT-ME310G1-W2 Datasheet
1Mb / 2P
   LTE Cat M1/NB2 Embedded
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com