Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BG95 Datasheet(PDF) 3 Page - Quectel Wireless Solutions Co., Ltd.

Part # BG95
Description  LTE Cat M1/ Cat NB2/ EGPRS Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUECTEL [Quectel Wireless Solutions Co., Ltd.]
Direct Link  https://www.quectel.com/
Logo QUECTEL - Quectel Wireless Solutions Co., Ltd.

BG95 Datasheet(HTML) 3 Page - Quectel Wireless Solutions Co., Ltd.

  BG95 Datasheet HTML 1Page - Quectel Wireless Solutions Co., Ltd. BG95 Datasheet HTML 2Page - Quectel Wireless Solutions Co., Ltd. BG95 Datasheet HTML 3Page - Quectel Wireless Solutions Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Quectel BG95 Series
LPWA Module
BG95-M1
BG95-M2
BG95-M3
BG95-N1
BG95-M4
BG95-M5
BG95-M6
BG95-MF
Software Features
Protocols
PPP/TCP/UDP/SSL/
TLS/FTP(S)/HTTP(S)/
NITZ/PING/MQTT/
LwM2M/CoAP/IPv6
PPP/TCP/UDP/SSL/
TLS/FTP(S)/HTTP(S)/
NITZ/PING/MQTT/
LwM2M/CoAP/IPv6
PPP/TCP/UDP/SSL/
TLS/FTP(S)/HTTP(S)/
NITZ/PING/MQTT/
LwM2M/CoAP/IPv6
PPP/TCP/UDP/SSL/
TLS/FTP(S)/HTTP(S)/
NITZ/PING/MQTT/
LwM2M/CoAP*/IPv6*
PPP/TCP/UDP/SSL/TLS/
FTP(S)/HTTP(S)/NITZ/
PING/MQTT/LwM2M/
CoAP/IPv6
PPP/TCP/UDP/SSL/
TLS/FTP(S)/HTTP(S)/
NITZ/PING/MQTT/
LwM2M/CoAP/IPv6
PPP/TCP/UDP/SSL/
TLS/FTP(S)/HTTP(S)/
NITZ/PING/MQTT/
LwM2M/CoAP/IPv6
PPP/TCP/UDP/SSL/
TLS/FTP(S)/HTTP(S)/
NITZ/PING/MQTT/
LwM2M/CoAP/IPv6
USB Serial Driver
Windows 7/8/8.1/10,
Linux 2.6–5.4*,
Android 4.x–10.x*
Windows 7/8/8.1/10,
Linux 2.6–5.4*,
Android 4.x–10.x*
Windows 7/8/8.1/10,
Linux 2.6–5.4*,
Android 4.x–10.x*
Windows 7/8/8.1/10,
Linux 2.6–5.4*,
Android 4.x–10.x*
Windows 7/8/8.1/10,
Linux 2.6–5.4*,
Android 4.x–10.x*
Windows 7/8/8.1/10,
Linux 2.6–5.4*,
Android 4.x–10.x*
Windows 7/8/8.1/10,
Linux 2.6–5.4*,
Android 4.x–10.x*
Windows 7/8/8.1/10,
Linux 2.6–5.4*,
Android 4.x–10.x*
GNSS/RIL Driver
Android 4.x–10.x*
Android 4.x–10.x*
Android 4.x–10.x*
Android 4.x–10.x*
Android 4.x–10.x*
Android 4.x–10.x*
Android 4.x–10.x*
Android 4.x–10.x*
Certifications
Carrier
America:
Verizon/AT&T/Sprint
Europe:
Vodafone*/
Deutsche Telekom*/
Telefónica*
America:
Verizon/AT&T/
Sprint/T-Mobile*
Canada:
Rogers*/Telus*
China:
China Telecom*/
China Mobile*/
China Unicom*
Europe:
Vodafone*/
Deutsche Telekom*/
Telefónica*
America:
Verizon/ AT&T/
Sprint/T-Mobile*
Canada:
Rogers*/Telus*
China:
China Telecom*/
China Mobile*/
China Unicom*
TBD
/
Europe:
Vodafone*/
Deutsche Telekom*
America:
Verizon*/AT&T*/
T-Mobile*/Sprint*
China:
China Telecom*/
China Mobile*/
China Unicom*
South Korea:
SKT*/LGU+*
Japan:
NTT DOCOMO*/
SoftBank*/KDDI*
Australia: Telstra*
Europe:
Vodafone*/
Deutsche Telekom*
America:
Verizon*/AT&T*/
T-Mobile*/Sprint*
China:
China Telecom*/
China Mobile*/
China Unicom*
South Korea:
SKT*/LGU+*
Japan:
NTT DOCOMO*/
SoftBank*/KDDI*
Australia: Telstra*
/
Regulatory
Global: GCF
Europe: CE
North America:
PTCRB
America: FCC
Canada: IC
Japan: JATE*/TELEC*
Australia/New
Zealand: RCM
Global: GCF
Europe: CE
North America:
PTCRB
America: FCC
Canada: IC
Brazil: Anatel
Mexico: IFETEL*
China:
SRRC*/NAL*/CCC*
South Korea: KC*
Taiwan China: NCC*
Japan: JATE*/TELEC*
Australia/New
Zealand: RCM
Thailand: NBTC*
Singapore: IMDA*
Global: GCF
Europe: CE
North America:
PTCRB
America: FCC
Canada: IC
Brazil: Anatel
Mexico: IFETEL*
China:
SRRC*/NAL*/CCC*
South Korea: KC*
Taiwan China: NCC*
Japan: JATE*/TELEC*
Australia/New
Zealand: RCM
Thailand: NBTC*
Singapore: IMDA*
TBD
Europe: CE*
Brazil: Anatel*
Global: GCF*
Europe: CE*
North America:
PTCRB*
America: FCC*
Canada: IC*
China:
SRRC*/NAL*/CCC*
South Korea: KC*
Taiwan China: NCC*
Japan: JATE*/TELEC*
Australia/New
Zealand: RCM*
Thailand: NBTC*
Singapore: IMDA*
Global: GCF*
Europe: CE*
North America:
PTCRB*
America: FCC*
Canada: IC*
China:
SRRC*/NAL*/CCC*
South Korea: KC*
Taiwan China: NCC*
Japan: JATE*/TELEC*
Australia/New
Zealand: RCM*
Thailand: NBTC*
Singapore: IMDA*
Global: GCF*
Europe: CE*
North America:
PTCRB*
America: FCC*
Canada: IC*
Australia/New
Zealand: RCM*
Others
RoHS
RoHS/ATEX*
RoHS/PEN/ATEX*
RoHS
RoHS
RoHS
RoHS
RoHS
Electrical Features
Supply Voltage
(V)
2.6–4.8, typ. 3.3
2.6–4.8, typ. 3.3
3.3–4.3, typ. 3.8
2.6–4.8, typ. 3.3
3.2–4.2, typ. 3.8
3.3–4.3, typ. 3.8
3.3–4.3, typ. 3.8
Typ. 3.8
Max Output Power
(dBm)
Power Class 5
21 @ LTE Bands
Power Class 5
21 @ LTE Bands
Power Class 5
21 @ LTE Bands
Power Class 5
21 @ LTE Bands
Power Class 2*
26 @ B31/B72/B73
Power Class 3
23 @ B31/B72/B73
Power Class 5
21 @ other LTE Bands
Power Class 3
23 @ LTE Bands
Power Class 3
23 @ LTE Bands
Power Class5
21 @ LTE Bands
Power Consumption
@ PSM (μA)
4
3.9
3.9
4
4
6
5
TBD
Power Consumption
@ LTE Cat M1 (mA)
Sleep Mode:
1.7 @ DRX = 1.28 s
0.577 @ e-I-DRX =
81.92 s
Idle Mode:
20 @ DRX = 1.28 s
19.57 @ e-I-DRX =
81.92 s
Active Mode:
217 @ 21 dBm,
GNSS off
Sleep Mode:
1.7 @ DRX = 1.28 s
0.549 @ e-I-DRX =
81.92 s
Idle Mode:
21.2 @ DRX = 1.28 s
20.6 @ e-I-DRX =
81.92 s
Active Mode:
219 @ 21 dBm,
GNSS off
Sleep Mode:
1.65 @ DRX = 1.28 s
0.63 @ e-IDRX =
81.92 s
Idle Mode:
18.9 @ DRX = 1.28 s
18.2 @ e-I-DRX =
81.92 s
Active Mode:
199 @ 21 dBm,
GNSS off
Sleep Mode:
1.7 @ DRX = 1.28 s
0.554 @ e-IDRX =
81.92 s
Idle Mode:
18.2 @ DRX = 1.28 s
17.7 @ e-I-DRX = 81.92 s
Active Mode:
198 @ 21 dBm, GNSS off
241 @ 26 dBm, GNSS off
Sleep Mode:
1.7 @ DRX = 1.28 s
0.72 @ e-IDRX =
81.92 s
Idle Mode:
17.3 @ DRX = 1.28 s
16.6 @ e-I-DRX =
81.92 s
Active Mode:
228 @ 23 dBm,
GNSS off
Sleep Mode:
1.5 @ DRX = 1.28 s
0.58 @ e-IDRX =
81.92 s
Idle Mode:
18.5 @ DRX = 1.28 s
18.2 @ e-I-DRX =
81.92 s
Active Mode:
231@ 23 dBm,
GNSS off
TBD
Power
Consumption
@ LTE Cat NB1 (mA)
/
Sleep Mode:
1.6 @ DRX = 1.28 s
0.592 @ e-IDRX =
81.92 s
Idle Mode:
16.8 @ DRX = 1.28 s
16.4 @ e-I-DRX =
81.92 s
Active Mode:
177 @ 21 dBm,
GNSS off
Sleep Mode:
1.56 @ DRX = 1.28 s
0.67 @ e-IDRX =
81.92 s
Idle Mode:
14.8 @ DRX = 1.28 s
14.3 @ e-I-DRX =
81.92 s
Active Mode:
172 @ 21 dBm,
GNSS off
Sleep Mode:
1.7 @ DRX = 1.28 s
0.577 @ e-I-DRX =
81.92 s
Idle Mode:
20 @ DRX = 1.28 s
19.57 @ e-I-DRX =
81.92 s
Active Mode:
217 @ 21 dBm,
GNSS off
Sleep Mode:
1.4 @ DRX = 1.28 s
0.592 @ e-IDRX =
81.92 s
Idle Mode:
14.6 @ DRX = 1.28 s
14.1 @ e-I-DRX =
81.92 s
Active Mode:
163 @ 21 dBm, GNSS off
213 @ 26 dBm, GNSS off
Sleep Mode:
1.67 @ DRX = 1.28 s
0.68 @ e-IDRX =
81.92 s
Idle Mode:
13.5 @ DRX = 1.28 s
13.1 @ e-I-DRX =
81.92 s
Active Mode:
208 @ 23 dBm,
GNSS off
Sleep Mode:
1.41 @ DRX = 1.28 s
0.55 @ e-IDRX =
81.92 s
Idle Mode:
14.2 @ DRX = 1.28 s
14 @ e-I-DRX =
81.92 s
Active Mode:
194 @ 23 dBm,
GNSS off
TBD
Copyright
© 2020 Quectel Wireless Solutions Co., Ltd.
All Rights Reserved http://www.quectel.com
HQ address: Building 5, Shanghai Business Park Phase III (Area B), No.1016 Tianlin Road, Minhang District, Shanghai, China 200233
Tel: +86 21 51086236
Email: info@quectel.com
Notes:
1.
LTE-FDD B31/B72/B73 for BG95-M4 supports Power Class 2* and Power Class 3.
2.
please refer to the hardware design manual for more specific
requirements on the power supply voltage.
3. * means under development/on-going/planning.
4. means supported.


Similar Part No. - BG95

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
562Kb / 2P
   Compact NB-IoT/GSM Dual-mode Module with Ultra-low Power Consumption
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
More results

Similar Description - BG95

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG77 QUECTEL-BG77 Datasheet
1Mb / 2P
   Ultra-Compact LTE Cat M1/Cat NB2 Module
logo
Telit loT Solutions
ME310G1 TELIT-ME310G1 Datasheet
686Kb / 2P
   LTE Cat M1/NB2 Embedded
ML865G1 TELIT-ML865G1 Datasheet
742Kb / 2P
   LTE Cat M1/NB2 Embedded
ME910G1 TELIT-ME910G1 Datasheet
543Kb / 2P
   LTE Cat M1/NB2 Embedded
ME310G1-W2 TELIT-ME310G1-W2 Datasheet
1Mb / 2P
   LTE Cat M1/NB2 Embedded
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com