Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

543966 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 543966
Description  Mini slide
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

543966 Datasheet(HTML) 1 Page - Festo Corporation.

  543966 Datasheet HTML 1Page - Festo Corporation. 543966 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini slide
DGSL-12-80-PA
Part number: 543966
Data sheet
Feature
Value
Stroke
80 mm
Adjustable end-position range/front length
68 mm
Adjustable end-position range/rear length
25.5 mm
Piston diameter
16 mm
Type code
DGSL
Drive unit operating mode
Yoke
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Guide
Ball bearing cage guide
Design
Piston rod
Piston
Slide
Yoke
Position sensing
For proximity sensor
Symbol
00991263
Operating pressure
1 bar ... 8 bar
Max. speed
0.8 m/s
Repetition accuracy
0.3 mm
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
Ambient temperature
0 °C ... 60 °C
Impact energy in the end positions
0.25 J
Cushioning length
1 mm
Max. force Fy
1280 N
Max. force Fz
1280 N
Max. torque Mx
20 Nm
Max. torque My
15 Nm
Max. torque Mz
15 Nm
Theoretical force at 6 bar, retracting
104 N
Theoretical force at 6 bar, advancing
121 N
Moving mass
456 g
Product weight
1158 g
Alternative connections
See product drawing
Type of mounting
With through-hole
9/22/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 543966

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5439662 PHOENIX-5439662 Datasheet
63Kb / 3P
   Printed-circuit board connector - BCVP-500W-14 GY
More results

Similar Description - 543966

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DGST-12-50-Y12A FESTO-DGST-12-50-Y12A Datasheet
91Kb / 2P
   Mini slide
DGST-12-80-Y12A FESTO-DGST-12-80-Y12A Datasheet
91Kb / 2P
   Mini slide
DGST-16-20-E1A FESTO-DGST-16-20-E1A Datasheet
89Kb / 2P
   Mini slide
DGST-16-40-Y12A FESTO-DGST-16-40-Y12A Datasheet
91Kb / 2P
   Mini slide
DGST-10-10-PA FESTO-DGST-10-10-PA Datasheet
92Kb / 2P
   Mini slide
DGST-20-10-E1A FESTO-DGST-20-10-E1A Datasheet
94Kb / 2P
   Mini slide
DGST-20-30-E1A FESTO-DGST-20-30-E1A Datasheet
95Kb / 2P
   Mini slide
DGST-20-30-Y12A FESTO-DGST-20-30-Y12A Datasheet
96Kb / 2P
   Mini slide
DGST-25-50-E1A FESTO-DGST-25-50-E1A Datasheet
95Kb / 2P
   Mini slide
DGST-25-80-E1A FESTO-DGST-25-80-E1A Datasheet
97Kb / 2P
   Mini slide
DGST-8-20-E1A FESTO-DGST-8-20-E1A Datasheet
92Kb / 2P
   Mini slide
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com