Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL865B1 Datasheet(PDF) 2 Page - Telit loT Solutions

Part # NL865B1
Description  LTE Cat NB1 Embedded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

NL865B1 Datasheet(HTML) 2 Page - Telit loT Solutions

  NL865B1 Datasheet HTML 1Page - Telit loT Solutions NL865B1 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Features
Supported bands:
• NL865B1-E1
• Dual band LTE B8/B20
• Single Rx
• Half Duplex FDD
• LTE UE Category NB1
• 3GPP Rel. 13 compliant
• 3GPP Rel. 12 Power Saving Mode (PSM)
• 3GPP Rel. 13 Extended Discontinuous
Reception (eDRX)
• 3GPP Rel. 13 Extended coverage
• Control via AT commands according to 3GPP
TS27.005, 27.007 and customized
AT commands
• Embedded UDP/IP stack
Data
LTE Category NB1
• Uplink up to 20 kbps (single-tone)
• Downlink up to 250 kpbs
Physical Environmental
• Dimensions 24.4 x 24.4 x 2.6mm
• Extended temperature range: -40 to +85°C
Interfaces
• UART
• I2C - for future release
• GPIO
• ADC
• 1.8 V SIM interface
• Optional embedded SIM chip
Approvals
• RED (Europe)
• CCC (China)
• GCF
Electrical & Sensitivity
• Supply voltage
- Nominal: 3.8 VDC
Telit reserves all rights to this document and the information contained herein. Products, names, logos and designs described herein may in whole or in part be
subject to intellectual property rights. The information contained herein is provided “as is.” No warranty of any kind, either express or implied, is made in relation to
the accuracy, reliability, fitness for a particular purpose or content of this document. This document may be revised by Telit at any time. For most recent documents,
please visit www.telit.com
Copyright © 2017, Telit
QUESTIONS? VISIT WWW.TELIT.COM/CONTACT-US
www.telit.com/facebook |
www.telit.com/googleplus |
www.telit.com/linkedin |
www.telit.com/twitter
NL865B1 Series


Similar Part No. - NL865B1

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
NL865H2 TELIT-NL865H2 Datasheet
246Kb / 2P
   LTE Cat NB2 Embedded
NL865H2-W1 TELIT-NL865H2-W1 Datasheet
246Kb / 2P
   LTE Cat NB2 Embedded
More results

Similar Description - NL865B1

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
ML865C1 TELIT-ML865C1 Datasheet
496Kb / 2P
   LTE Cat M1/NB1 Embedded
ME910C1 TELIT-ME910C1 Datasheet
522Kb / 2P
   LTE Cat M1/NB1 Embedded
logo
Quectel Wireless Soluti...
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
logo
HOPE Microelectronics C...
HPM152 HOPE-HPM152 Datasheet
620Kb / 1P
   LTE Cat NB1 LCC Packaging Module
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
logo
Telit loT Solutions
ME910C1 TELIT-ME910C1_V01 Datasheet
373Kb / 2P
   LTE Cat M1/NB1 mPCIe Data Cards
NL865H2 TELIT-NL865H2 Datasheet
246Kb / 2P
   LTE Cat NB2 Embedded
NE310H2 TELIT-NE310H2 Datasheet
242Kb / 2P
   LTE Cat NB2 Embedded
logo
u-blox AG
SARA-N2 U-BLOX-SARA-N2 Datasheet
1,014Kb / 30P
   Power-optimized NB-IoT (LTE Cat NB1) modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com