Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL865B1 Datasheet(PDF) 1 Page - Telit loT Solutions

Part # NL865B1
Description  LTE Cat NB1 Embedded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

NL865B1 Datasheet(HTML) 1 Page - Telit loT Solutions

  NL865B1 Datasheet HTML 1Page - Telit loT Solutions NL865B1 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
The NL865B1 is the Category NB1 evolution in the widely
deployed Telit xL865 product family. Specified in the
Release 13 of the 3GPP standard, LTE Cat NB1 is specifi-
cally tailored for IoT applications, offering optimized power
consumption and enhanced coverage. In addition, with
its square24.4 x 24.4 mm VQFN footprint, the NL865B1 is
designed for size sensitive applications.
This next generation of products supports the new features
specified by 3GPP to boost IoT applications, such as the
Power Saving Mode (PSM) and the extended Discontinu-
ous Reception (eDRX), which allow the devices to wake
up periodically to deliver only very small amounts of data
to the network and then go back to sleep for most of the
time, thus allowing longer battery operation. Enhanced
cover-age, with up to +20dB in maximum coupling loss
(MCL) com-pared to the other cellular technologies, is
also one of the key benefits of this new LTE flavour. LTE
Cat NB1 devices are therefore optimized in cost, size and
power consump-tion compared to higher UE categories.
These advantages make the NL865B1 the perfect platform
to enable a quick implementation of LTE technology in IoT/
M2M where low cost and low power are more relevant than
high speed.
The NL865B1 helps increase the addressable market for
LTE technology to include a broad range of new applica-
tions and use cases best served with lower maximum data
rate, ultra-low power, reduced complexity and cost. Some
examples are smart metering, smart parking, smart agri-
culture, waste collection, industrial sensors, healthcare
monitors, home automation, and many more low data rate
IoT devices. The NL865B1 is offered in a dual-band con-fig-
uration for deployment in the European and Chinese NB-
IoT networks, either in in-band, guard-band or standalone
mode; additional regional variants will follow. It is highly
recommended for new designs, but also in particular as
a migration path for existing GPRS devices, both new and
updated designs benefit from a significant extension in life-
cycle with LTE Cat NB1.
The NL865B1supports embedded SIM chip as a mounting
option, making it the ideal solution for durable and rugged
designs, and reducing BOM cost and size on the custom-
er’s application.
Key Benefits
• Design once and deploy globally, thanks to the xL865 form
factor family
• Compact VQFN package is ideally suited for low profile
integrated solutions, limited real estate application
boards, reducing cost in high-volume applications, as
well as saving space and weight in portable devices
• Perfect platform for regional IoT applications such as
smart metering, security & surveillance, point of sales,
health monitoring, fleet management, asset tracking and
wearable devices
• LTE UE Category NB1 compliant to the latest 3GPP
Release 13 enhanced Machine-Type Communication
(eMTC), specifically designed for IoT use cases, offering
minimum power consumption and extended coverage
Family Concept
The xL865 family includes pin-to-pin compatible 2G and 3G
modules - the GL865 and UL865 respectively – making it
another pillar of the concept “design once and deploy glob-
ally.” It enables integrators to develop a single PCB layout
for 2G, 3G and 4G Cat NB1 technologies.
Connecting the world
from the inside out
1
www.telit.com
Combine your
Cellular module with
GNSS
modules
Short Range
modules
IoT Modules
IoT Platforms
IoT Connectivity
Complete,
Ready to Use Access
to the Internet of Things
AVAILABLE FOR
EMEA
APAC
LTE Cat NB1 Embedded
NL865B1 Series
24.4 mm
2.6 mm
24.4 mm


Similar Part No. - NL865B1

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
NL865H2 TELIT-NL865H2 Datasheet
246Kb / 2P
LTE Cat NB2 Embedded
NL865H2-W1 TELIT-NL865H2-W1 Datasheet
246Kb / 2P
LTE Cat NB2 Embedded
More results

Similar Description - NL865B1

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
ML865C1 TELIT-ML865C1 Datasheet
496Kb / 2P
LTE Cat M1/NB1 Embedded
ME910C1 TELIT-ME910C1 Datasheet
522Kb / 2P
LTE Cat M1/NB1 Embedded
logo
Quectel Wireless Soluti...
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
LTE Cat M1 & Cat NB1 & EGPRS Module
logo
HOPE Microelectronics C...
HPM152 HOPE-HPM152 Datasheet
620Kb / 1P
LTE Cat NB1 LCC Packaging Module
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
LTE Cat M1 / NB1 and EGPRS modules
logo
Telit loT Solutions
ME910C1 TELIT-ME910C1_V01 Datasheet
373Kb / 2P
LTE Cat M1/NB1 mPCIe Data Cards
NL865H2 TELIT-NL865H2 Datasheet
246Kb / 2P
LTE Cat NB2 Embedded
NE310H2 TELIT-NE310H2 Datasheet
242Kb / 2P
LTE Cat NB2 Embedded
logo
u-blox AG
SARA-N2 U-BLOX-SARA-N2 Datasheet
1,014Kb / 30P
Power-optimized NB-IoT (LTE Cat NB1) modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com