Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML865G1 Datasheet(PDF) 1 Page - Telit loT Solutions

Part # ML865G1
Description  LTE Cat M1/NB2 Embedded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

ML865G1 Datasheet(HTML) 1 Page - Telit loT Solutions

  ML865G1 Datasheet HTML 1Page - Telit loT Solutions ML865G1 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Benefits
• Design once and deploy globally with the xL865 form
factor family
• Optimized for low power consumption
• Compact VQFN pack is ideally suited for low profile
integrated solutions, limited real estate application
boards, reducing costs in high-volume applications
and saving space and weight in portable devices
• The perfect platform for IoT applications, such as
smart metering, security and surveillance, point of
sales, health monitoring, fleet management and asset
tracking
• LTE UE Cat M1/NB2 compliant to the latest 3GPP Rel.
14 enhanced machine-type communication (MTC)
Worldwide
Product Description
The ML865G1 is the Category M1/NB2 evolution in the
widely deployed Telit xL865 product family. Specified in the
Release 14 of the 3GPP standard, LTE Cat M1/NB2 is
specially tailored for IoT applications, offering optimized
power consumption and enhanced coverage.
This next generation of products supports the new features
specified by 3GPP to boost IoT applications. These features
include Power Saving Mode (PSM) and the extended
Discontinuous Reception (eDRX). PSM and eDRX allow the
devices to wake up periodically to deliver only minimal
amounts of data to the networks and then go back to sleep
for most of the time, thus allowing prolonged battery
operation. Enhanced coverage, with up to +15 dB/+20 dB in
maximum coupling loss (MCL) compared to the other
cellular technologies, is also one of the primary benefits of
this new LTE flavor. LTE Cat M1/NB2 devices are optimized
in cost, size and power consumption compared to higher
UE categories.
3GPP Release 14 further improves these features by
adding techniques to increase the date rate for LTE-M and
NB-IoT. These advantages make the ML865G1 ideal for
enabling the quick implementation of LTE technology in
which low cost and low power are more relevant than high
speed. Some examples are asset tracker, smart metering,
smart parking, smart agriculture, waste collection,
industrial sensors, healthcare monitors, home
automation and many more low-data-rate IoT devices.
The ML865G1 is highly recommended as a migration path
for existing GPRS devices, and both new and updated
designs can benefit from a significant extension in life cycle
with LTE Cat M1/NB2.
Connecting the world
from the inside out
1
AVAILABLE FOR
LTE Cat M1/NB2 Embedded
24.4 mm
2.6 mm
24.4 mm
ML865G1 Series
Family Concept
The xL865 family includes pin-to-pin compatible 2G, 3G and
4G modules — the GL865, UL865, and NL865, respectively
— making it another pillar of the concept “design once and
deploy globally.” It enables integrators to develop a single
PCB layout for 2G, 3G and 4G Cat M1/NB2 technologies.
IoT Modules
Software & Platforms
Connectivity Plans
Complete,
Ready-to-Use Access
to the Internet of Things


Similar Part No. - ML865G1

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
ML865C1 TELIT-ML865C1 Datasheet
496Kb / 2P
   LTE Cat M1/NB1 Embedded
ML865C1-EA TELIT-ML865C1-EA Datasheet
496Kb / 2P
   LTE Cat M1/NB1 Embedded
ML865C1-NA TELIT-ML865C1-NA Datasheet
496Kb / 2P
   LTE Cat M1/NB1 Embedded
More results

Similar Description - ML865G1

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
ME310G1 TELIT-ME310G1 Datasheet
686Kb / 2P
   LTE Cat M1/NB2 Embedded
ME910G1 TELIT-ME910G1 Datasheet
543Kb / 2P
   LTE Cat M1/NB2 Embedded
ME310G1-W2 TELIT-ME310G1-W2 Datasheet
1Mb / 2P
   LTE Cat M1/NB2 Embedded
NE310H2 TELIT-NE310H2 Datasheet
242Kb / 2P
   LTE Cat NB2 Embedded
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
logo
Telit loT Solutions
NL865H2 TELIT-NL865H2 Datasheet
246Kb / 2P
   LTE Cat NB2 Embedded
logo
Quectel Wireless Soluti...
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
BG77 QUECTEL-BG77 Datasheet
1Mb / 2P
   Ultra-Compact LTE Cat M1/Cat NB2 Module
logo
Telit loT Solutions
ME910C1 TELIT-ME910C1 Datasheet
522Kb / 2P
   LTE Cat M1/NB1 Embedded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com