Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML865C1 Datasheet(PDF) 1 Page - Telit loT Solutions

Part # ML865C1
Description  LTE Cat M1/NB1 Embedded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

ML865C1 Datasheet(HTML) 1 Page - Telit loT Solutions

  ML865C1 Datasheet HTML 1Page - Telit loT Solutions ML865C1 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
The ML865C1 is the Category M1/NB1 evolution in the
widely deployed Telit xL865 product family. Specified in
the Release 13 of the 3GPP standard, LTE Cat M1/NB1 is
specifically tailored for IoT applications, offering optimized
power consumption and enhanced coverage. In addi-
tion, with its square 24.4 x 24.4 mm VQFN footprint, the
ML865C1 is designed for size sensitive applications.
This next generation of products supports the new features
specified by 3GPP to boost IoT applications, such as the
Power Saving Mode (PSM) and the extended Discontinu-
ous Reception (eDRX), which allow the devices to wake up
periodically to deliver only very small amounts of data to
the network and then go back to sleep for most of the time,
thus allowing longer battery operation. Enhanced cover-
age, with up to +15dB/+20dB in maximum coupling loss
(MCL) com-pared to the other cellular technologies, is also
one of the key benefits of this new LTE flavour. LTE Cat
M1/NB1 devices are therefore optimized in cost, size and
power consump-tion compared to higher UE categories.
These advantages make the ML865C1 the perfect platform
to enable a quick implementation of LTE technology in IoT/
M2M where low cost and low power are more relevant than
high speed.
The ML865C1 helps increase the addressable market for
LTE technology to include a broad range of new applica-
tions and use cases best served with lower maximum
data rate, ultra-low power, reduced complexity and cost.
Some examples are asset trackers, smart metering, smart
parking, smart agri-culture, waste collection, industrial
sensors, healthcare monitors, home automation, and
many more low data rate IoT devices. The ML865C1 is
offered in different bands configurations for deployment
in Europe and North America. It is highly recommended
for new designs, but also in particular as a migration path
for existing GPRS devices, both new and updated designs
benefit from a significant extension in life-cycle with LTE
Cat M1/NB1.
Key Benefits
• Design once and deploy globally, thanks to the xL865
form factor family
• Compact VQFN package is ideally suited for low profile
integrated solutions, limited real estate application boards,
reducing cost in high-volume applications, as well as sav-
ing space and weight in portable devices
• Perfect platform for regional IoT applications such as
smart metering, security & surveillance, point of sales,
health monitoring, fleet management, asset tracking and
wearable devices
• LTE UE Category M1/NB1 compliant to the latest 3GPP
Release 13 enhanced Machine-Type Communication
OneEdgeTM Features
To address complexity expected in future exponential
growth in the number of IoT devices, integrated, embedded
and cloud software components are necessary to increased
manageability, lowering cost points for deploying and main-
taining such networks. To that end, the ME910G1 is offered
with a software suite of management and deployment tools:
• Lightweight M2M device management protocol compli-
ance, enabling detailed management of extremely
low-power devices and FOTA updates with the goal of more
robust and secure connections.
• Telit’s IoT AppZone, an integrated development environ-
ment (IDE) acting as a reference workbench and devel-
opment tool for all Telit products, running applications
directly inside the Telit module.
• Telit’s Connection Manager, a tool for automating the
most common operations for initial connection of devices to
cellular networks.
• Location, a facility that provides location of devices even
in the absence of GNSS connection.
EMEA
North America
Latin America
APAC
ML865C1 Series
Connecting the world
from the inside out
1
AVAILABLE FOR
LTE Cat M1/NB1 Embedded
IoT Modules
IoT Platforms
IoT Connectivity
Complete,
Ready to Use Access
to the Internet of Things
24.4 mm
2.6 mm
24.4 mm


Similar Part No. - ML865C1

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
ML865G1 TELIT-ML865G1 Datasheet
742Kb / 2P
   LTE Cat M1/NB2 Embedded
ML865G1-WW TELIT-ML865G1-WW Datasheet
742Kb / 2P
   LTE Cat M1/NB2 Embedded
More results

Similar Description - ML865C1

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
ME910C1 TELIT-ME910C1 Datasheet
522Kb / 2P
   LTE Cat M1/NB1 Embedded
NL865B1 TELIT-NL865B1 Datasheet
297Kb / 2P
   LTE Cat NB1 Embedded
logo
Quectel Wireless Soluti...
BG96 QUECTEL-BG96_V01 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
BG96 QUECTEL-BG96 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB1 & EGPRS Module
logo
u-blox AG
SARA-R4 U-BLOX-SARA-R4 Datasheet
1Mb / 43P
   LTE Cat M1 / NB1 and EGPRS modules
logo
Telit loT Solutions
ME910C1 TELIT-ME910C1_V01 Datasheet
373Kb / 2P
   LTE Cat M1/NB1 mPCIe Data Cards
ML865G1 TELIT-ML865G1 Datasheet
742Kb / 2P
   LTE Cat M1/NB2 Embedded
ME310G1 TELIT-ME310G1 Datasheet
686Kb / 2P
   LTE Cat M1/NB2 Embedded
ME910G1 TELIT-ME910G1 Datasheet
543Kb / 2P
   LTE Cat M1/NB2 Embedded
ME310G1-W2 TELIT-ME310G1-W2 Datasheet
1Mb / 2P
   LTE Cat M1/NB2 Embedded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com