Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ME310G1-W2 Datasheet(PDF) 2 Page - Telit loT Solutions

Part # ME310G1-W2
Description  LTE Cat M1/NB2 Embedded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

ME310G1-W2 Datasheet(HTML) 2 Page - Telit loT Solutions

  ME310G1-W2 Datasheet HTML 1Page - Telit loT Solutions ME310G1-W2 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Features
• LTE UE Cat M1 (1.4 MHz)/NB2 (200 kHz)
• 3GPP Rel. 14 compliant
• Half-duplex FDD
• Single Rx, single antenna
• 3GPP Rel. 12 PSM
• 3GPP Rel. 13 eDRX
• 3GPP Rel. 13 extended coverage
• Control via AT commands according to
3GPP TS27.005, 27.007 and customized
Telit AT commands
• SIM application tool kit 3GPP TS 51.01
• VoLTE (planned)
• SMS over NAS
• IPv4/IPv6 stack with TCP and UDP
protocol
• TLS/DTLS
• Embedded GNSS (GPS, GLONASS,
Beidou, Galileo)
• OMA Lightweight M2M (LwM2M)
• Firware Over-the-Air (FOTA) update
using delta upgrade techniques
Data
LTE Cat M1 (Rel.14)
• Uplink up to 1Mbps
• Downlink up to 588Kbps
LTE Category NB2 (Rel.14)
• Uplink up to 160 Kbps
• Downlink up to 120 Kbps
Physical & Environmental
• Extended temperature range: -40°C to +85°C
• Compact dimensions: 15 mm x 18 mm x 2.6 mm
Interfaces
• Six I/O ports
• 1.8V SIM Interface
• USB 2.0 HS
• UART
• SPI
• I2C
Approvals
• RED (in process)
• GCF (in process)
Electrical & Sensitivity
• Supply voltage
- Nominal: 3.8 VDC
- Operating voltage range: 3.4–4.2 V
- Extended voltage range: 2.6–4.5 V
Telit reserves all rights to this document and the information contained herein. Products, names, logos and designs described herein may in whole or in part be
subject to intellectual property rights. The information contained herein is provided “as is.” No warranty of any kind, either express or implied, is made in relation to
the accuracy, reliability, fitness for a particular purpose or content of this document. This document may be revised by Telit at any time. For most recent documents,
please visit www.telit.com
Copyright © 2020, Telit
QUESTIONS? VISIT WWW.TELIT.COM/CONTACT-US
www.telit.com/facebook |
www.telit.com/linkedin |
www.telit.com/twitter
ME310G1-W2
Model
Market
M1/NB2 Support
Frequencies
ME310G1-W2
EMEA
LATAM
Dual mode
M1/NB2
LTE B1, B3, B5, B8, B20,
B28, B31, B72
LTE B1, B3, B5, B8, B20, B28: 21 dBm (Power Class 5)
LTE B31, B72 (450 MHz): 26 dBm
Output Power


Similar Part No. - ME310G1-W2

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
ME310G1-W1 TELIT-ME310G1-W1 Datasheet
686Kb / 2P
   LTE Cat M1/NB2 Embedded
ME310G1-WW TELIT-ME310G1-WW Datasheet
686Kb / 2P
   LTE Cat M1/NB2 Embedded
More results

Similar Description - ME310G1-W2

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
ML865G1 TELIT-ML865G1 Datasheet
742Kb / 2P
   LTE Cat M1/NB2 Embedded
ME310G1 TELIT-ME310G1 Datasheet
686Kb / 2P
   LTE Cat M1/NB2 Embedded
ME910G1 TELIT-ME910G1 Datasheet
543Kb / 2P
   LTE Cat M1/NB2 Embedded
NE310H2 TELIT-NE310H2 Datasheet
242Kb / 2P
   LTE Cat NB2 Embedded
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
logo
Telit loT Solutions
NL865H2 TELIT-NL865H2 Datasheet
246Kb / 2P
   LTE Cat NB2 Embedded
logo
Quectel Wireless Soluti...
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
BG77 QUECTEL-BG77 Datasheet
1Mb / 2P
   Ultra-Compact LTE Cat M1/Cat NB2 Module
logo
Telit loT Solutions
ME910C1 TELIT-ME910C1 Datasheet
522Kb / 2P
   LTE Cat M1/NB1 Embedded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com