Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ME310G1-W2 Datasheet(PDF) 1 Page - Telit loT Solutions

Part # ME310G1-W2
Description  LTE Cat M1/NB2 Embedded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELIT [Telit loT Solutions]
Direct Link  https://www.telit.com/
Logo TELIT - Telit loT Solutions

ME310G1-W2 Datasheet(HTML) 1 Page - Telit loT Solutions

  ME310G1-W2 Datasheet HTML 1Page - Telit loT Solutions ME310G1-W2 Datasheet HTML 2Page - Telit loT Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Benefits
• Deep indoor and wide-area propagation due to 450 MHz
frequency
• Small size and low power consumption
• Optimized for ease-of-design and high-yield and low-
cost manufacturing
• Compliant to 3GPP Rel. 14 Cat M1/NB2, tailored for IoT
devices
• Ideal solution for smart metering, smart grid, smart city,
smart agriculture, mPERS, mission-critical services and
public safety
Family Concept
The xE310’s flexible perimeter footprint family includes
pin-to-pin compatible 2G (GE310-GNSS) and Cat M1/NB2
(ME310G1) modules, enabling integrators to design a
single PCB layout and deploy any combination of 2G and 4G
technologies.
Telit’s miniature xE310 family delivers high technical and
business value for OEMs, integrators and IoT device
designers interested in low-power, low-cost, small-
footprint devices to take digital transformation initiatives
to the next level across their organization.
The 94-pad LGA footprint delivers a comprehensive set of
features with a surplus of reserve pads to futureproof the
end device with additions like Bluetooth connectivity and
GNSS. The flexible perimeter space allows modules in the
family to go in sizes from around 300 mm2 to below 200
mm2. The xE310 allows for both single and multi-
technology products, such as combination cellular, GNSS
and other solutions, in fixed and mobile applications for
smart utilities, home and commercial automation,
telematics, POS, and smart cities.
1
AVAILABLE
EMEA
LTE Cat M1/NB2 Embedded
ME310G1-W2
15 mm
2.6 mm
18 mm
Complete,
Ready-to-Use Access
to the Internet of Things
LATAM
Product Description
The ME310G1-W2 is an LTE Category M1/NB2 (Cat M1/
NB2) module supporting 450 MHz bands. It is conceived
for IoT applications requiring secure and robust
connectivity through LTE 450 MHz private networks, such
as smart metering, smart grid, smart city, smart
agriculture, mPERS, mission-critical services and public
safety.
Due to the deep indoor propagation of the 450 MHz
frequency, this module is ideal for indoor devices such as
smart meters often in the center of the home. Also, the
extensive coverage range of the 450 MHz band allows
provisioning of wireless services to over large areas with a
minimal number of base stations.
Compliant with 3GPP Release 14 (Rel. 14), the ME310G1
LTE UE Cat M1/NB2 module enables increased power
saving for IoT applications using Power Saving Mode (PSM)
and extended Discontinuous Reception (eDRX). PSM and
eDRX allow devices to wake up periodically while
delivering only the smallest amounts of data necessary
before returning to sleep mode. Enhanced coverage,
enabled by maximum coupling loss (MCL) of up to +15 dB/
+20 dB, provides superior in-building penetration
compared to earlier cellular LTE standards.
LTE Cat M1/NB2 devices are optimized in cost, size and
power consumption compared to higher UE categories.
3GPP Rel. 14 further improves these features by adding
techniques to increase the data rate for LTE-M and NB-
IoT. These advantages make the ME310G1 ideal for
enabling the quick implementation of LTE technology in
which low cost and low power consumption are more
relevant than high speed.
Connecting the world
from the inside out
IoT Modules
Software & Platforms
Connectivity Plans


Similar Part No. - ME310G1-W2

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
ME310G1-W1 TELIT-ME310G1-W1 Datasheet
686Kb / 2P
   LTE Cat M1/NB2 Embedded
ME310G1-WW TELIT-ME310G1-WW Datasheet
686Kb / 2P
   LTE Cat M1/NB2 Embedded
More results

Similar Description - ME310G1-W2

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
ML865G1 TELIT-ML865G1 Datasheet
742Kb / 2P
   LTE Cat M1/NB2 Embedded
ME310G1 TELIT-ME310G1 Datasheet
686Kb / 2P
   LTE Cat M1/NB2 Embedded
ME910G1 TELIT-ME910G1 Datasheet
543Kb / 2P
   LTE Cat M1/NB2 Embedded
NE310H2 TELIT-NE310H2 Datasheet
242Kb / 2P
   LTE Cat NB2 Embedded
logo
Quectel Wireless Soluti...
BG95 QUECTEL-BG95 Datasheet
1Mb / 3P
   LTE Cat M1/ Cat NB2/ EGPRS Module
logo
Telit loT Solutions
NL865H2 TELIT-NL865H2 Datasheet
246Kb / 2P
   LTE Cat NB2 Embedded
logo
Quectel Wireless Soluti...
BG95-M3 QUECTEL-BG95-M3 Datasheet
1Mb / 2P
   LTE Cat M1 & Cat NB2 & EGPRS Module
BG600L-M3 QUECTEL-BG600L-M3 Datasheet
1Mb / 2P
   LTE Cat M1/Cat NB2/EGPRS Module
BG77 QUECTEL-BG77 Datasheet
1Mb / 2P
   Ultra-Compact LTE Cat M1/Cat NB2 Module
logo
Telit loT Solutions
ME910C1 TELIT-ME910C1 Datasheet
522Kb / 2P
   LTE Cat M1/NB1 Embedded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com