Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DGST-16-40-Y12A Datasheet(PDF) 1 Page - Festo Corporation.

Part # DGST-16-40-Y12A
Description  Mini slide
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

DGST-16-40-Y12A Datasheet(HTML) 1 Page - Festo Corporation.

  DGST-16-40-Y12A Datasheet HTML 1Page - Festo Corporation. DGST-16-40-Y12A Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini slide
DGST-16-40-Y12A
Part number: 8085177
Data sheet
Feature
Value
Guide material
POM
High-alloy steel
TPE-E
Stroke
40 mm
Adjustable end-position range/front length
15.9 mm
Adjustable end-position range/rear length
16.2 mm
Piston diameter
16 mm
Type code
DGST
Drive unit operating mode
Yoke
Cushioning
External hydraulic cushioning
Mounting position
Any
Guide
Recirculating ball bearing guide
Design
Piston rod
Twin piston
Yoke
Slide
Position sensing
For proximity sensor
Symbol
00991249
Operating pressure
1 bar ... 8 bar
Max. speed
0.5 m/s
Repetition accuracy
<= 0.02 mm
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Ambient temperature
-10 °C ... 60 °C
Impact energy in the end positions
0.85 J
Cushioning length
5 mm
Max. force Fy
880 N
Max. force Fz
880 N
Max. torque Mx
11.3 Nm
Max. torque My
8 Nm
Max. torque Mz
8 Nm
Theoretical force at 6 bar, retracting
207 N
Theoretical force at 6 bar, advancing
241 N
Moving mass
357 g
9/15/20 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - DGST-16-40-Y12A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DGST-16-40-E1A FESTO-DGST-16-40-E1A Datasheet
90Kb / 2P
Mini slide
DGST-16-40-PA FESTO-DGST-16-40-PA Datasheet
90Kb / 2P
Mini slide
More results

Similar Description - DGST-16-40-Y12A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DGST-12-50-Y12A FESTO-DGST-12-50-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-12-80-Y12A FESTO-DGST-12-80-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-16-20-E1A FESTO-DGST-16-20-E1A Datasheet
89Kb / 2P
Mini slide
DGST-10-10-PA FESTO-DGST-10-10-PA Datasheet
92Kb / 2P
Mini slide
DGST-20-10-E1A FESTO-DGST-20-10-E1A Datasheet
94Kb / 2P
Mini slide
DGST-20-30-E1A FESTO-DGST-20-30-E1A Datasheet
95Kb / 2P
Mini slide
DGST-20-30-Y12A FESTO-DGST-20-30-Y12A Datasheet
96Kb / 2P
Mini slide
DGST-25-50-E1A FESTO-DGST-25-50-E1A Datasheet
95Kb / 2P
Mini slide
DGST-25-80-E1A FESTO-DGST-25-80-E1A Datasheet
97Kb / 2P
Mini slide
DGST-8-20-E1A FESTO-DGST-8-20-E1A Datasheet
92Kb / 2P
Mini slide
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com