Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1395606 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1395606
Description  Rotary actuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1395606 Datasheet(HTML) 1 Page - Festo Corporation.

  1395606 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rotary actuator
DRRD-20-180-FH-PA
Part number: 1395606
Data sheet
Feature
Value
Size
20
Cushioning angle
45 deg
Adjustment range of swivel angle, both sides
+10 /-100 deg
Swivel angle
180 deg
Type code
DRRD
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Design
Gear rack/pinion
Position sensing
For proximity sensor
Symbol
00991265
Operating pressure
3 bar ... 8 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Ambient temperature
-10 °C ... 60 °C
Theoretical torque at 6 bar
2.41 Nm
Permissible mass moment of inertia
0.04 kgm²
Product weight
839 g
Type of mounting
With through-hole
Optionally:
With internal thread
Pneumatic connection
M5
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Drive shaft material
Tempered steel
Cover material
Wrought aluminum alloy
Anodized
Seals material
NBR
TPE-U(PU)
Housing material
Wrought aluminum alloy
Smooth anodized
9/11/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 1395606

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1395637 FESTO-1395637 Datasheet
77Kb / 1P
Vacuum suction cup
6/9/22
1395671 FESTO-1395671 Datasheet
79Kb / 1P
Vacuum suction cup
6/7/22
1395690 FESTO-1395690 Datasheet
81Kb / 1P
Vacuum suction cup
6/7/22
1395691 FESTO-1395691 Datasheet
81Kb / 1P
Vacuum suction cup
6/9/22
More results

Similar Description - 1395606

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DSM-10-240-P-A-FF-FW FESTO-DSM-10-240-P-A-FF-FW Datasheet
106Kb / 1P
Rotary actuator
DSM-10-240-P-FW FESTO-DSM-10-240-P-FW Datasheet
96Kb / 1P
Rotary actuator
DSM-12-270-P1-A-B FESTO-DSM-12-270-P1-A-B Datasheet
102Kb / 1P
Rotary actuator
DSM-16-270-A-B FESTO-DSM-16-270-A-B Datasheet
96Kb / 1P
Rotary actuator
DRVS-8-90-P-EX4 FESTO-DRVS-8-90-P-EX4 Datasheet
94Kb / 2P
Rotary actuator
DSM-6-90-P-A FESTO-DSM-6-90-P-A Datasheet
91Kb / 1P
Rotary actuator
DSM-6-180-P FESTO-DSM-6-180-P Datasheet
95Kb / 1P
Rotary actuator
DSM-6-180-P-A FESTO-DSM-6-180-P-A Datasheet
91Kb / 1P
Rotary actuator
DSM-T-10-90-P-FW FESTO-DSM-T-10-90-P-FW Datasheet
99Kb / 1P
Rotary actuator
DSM-T-40-270-CC-A-B FESTO-DSM-T-40-270-CC-A-B Datasheet
92Kb / 1P
Rotary actuator
DRRD-25-180-FH-Y9A FESTO-DRRD-25-180-FH-Y9A Datasheet
99Kb / 1P
Rotary actuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com