Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CK-SERIES Datasheet(PDF) 7 Page - Mitsumi Electronics, Corp.

Part # CK-SERIES
Description  Power Inductors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

CK-SERIES Datasheet(HTML) 7 Page - Mitsumi Electronics, Corp.

Back Button CK-SERIES Datasheet HTML 3Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 4Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 5Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 6Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 7Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 8Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 9Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 10Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 11Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MITSUMI
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
Item
Stamp
Inductance
DCR
(m )
typ.
Rated DC Current (A) typ.
(µH)
Tolerance
(%)
Test Freq.
(kHz)
L=-30%
T=40K
DC
1R5
1.5
±30
1kHz
14
8.50
5.80
DE
2R2
2.2
±30
1kHz
17
6.30
5.30
DF
2R7
2.7
±30
1kHz
20
6.00
5.10
DH
3R6
3.6
±30
1kHz
24
5.60
4.70
DJ
4R7
4.7
±30
1kHz
28
4.70
4.00
DK
5R6
5.6
±30
1kHz
31
4.40
3.80
DL
6R8
6.8
±30
1kHz
34
4.30
3.50
DM
8R2
8.2
±30
1kHz
37
3.90
3.40
EA
100
10
±30
1kHz
40
3.50
3.30
EC
150
15
±30
1kHz
60
2.80
2.40
EE
220
22
±20
1kHz
90
2.40
2.10
EG
330
33
±20
1kHz
130
2.00
1.80
EJ
470
47
±20
1kHz
160
1.70
1.60
EK
560
56
±20
1kHz
165
1.60
1.50
EL
680
68
±20
1kHz
225
1.40
1.30
EM
820
82
±20
1kHz
280
1.30
1.10
FA
101
100
±20
1kHz
390
1.10
1.00
C6-K5RA (Height : 5mm max.)
Item
Stamp
Inductance
DCR
(m )
typ.
Rated DC Current (A) typ.
(µH)
Tolerance
(%)
Test Freq.
(kHz)
L=-30%
T=40K
DA
1R0
1.0
±30
1kHz
10
7.00
DC
1R5
1.5
±30
1kHz
12
6.50
DE
2R2
2.2
±30
1kHz
14
5.60
DF
2R7
2.7
±30
1kHz
16
5.20
DH
3R9
3.9
±30
1kHz
18
4.30
DJ
4R7
4.7
±30
1kHz
21
4.20
DK
5R6
5.6
±30
1kHz
23
4.10
DL
6R8
6.8
±30
1kHz
28
3.50
DM
8R2
8.2
±30
1kHz
33
3.10
EA
100
10
±20
1kHz
38
2.70
EB
120
12
±20
1kHz
44
2.60
EC
150
15
±20
1kHz
50
2.30
ED
180
18
±20
1kHz
54
2.20
EE
220
22
±20
1kHz
78
1.90
EF
270
27
±20
1kHz
89
1.50
EG
330
33
±20
1kHz
111
1.40
EH
390
39
±20
1kHz
121
1.30
EJ
470
47
±20
1kHz
142
1.20
EK
560
56
±20
1kHz
155
1.10
EL
680
68
±20
1kHz
200
1.05
EM
820
82
±20
1kHz
250
1.00
FA
101
100
±20
1kHz
310
0.95
FB
121
120
±20
1kHz
341
0.82
FC
151
150
±20
1kHz
421
0.73
C8-K4L (Height : 4mm max.)
DATA LIST (C6-K5RA Series)
DATA LIST (C8-K4L Series)


Similar Part No. - CK-SERIES

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CK-1608-100MTK KEMET-CK-1608-100MTK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
CK-1608-4R7MTK KEMET-CK-1608-4R7MTK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
CK-2125-100MTK KEMET-CK-2125-100MTK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
CK-2125-1R0MTK KEMET-CK-2125-1R0MTK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
CK-2125-1R5MTK KEMET-CK-2125-1R5MTK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
More results

Similar Description - CK-SERIES

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com