Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CK-SERIES Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # CK-SERIES
Description  Power Inductors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

CK-SERIES Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  CK-SERIES Datasheet HTML 1Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 2Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 3Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 4Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 5Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 6Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 7Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 8Page - Mitsumi Electronics, Corp. CK-SERIES Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MITSUMI
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
DATA LIST (C4-K1.8R Series)
DATA LIST (C4-K1.8RA Series)
Item
Stamp
Inductance
DCR
(m )
typ.
Rated DC Current (A) typ.
(µH)
Tolerance
(%)
Test Freq.
(kHz)
L=-10%
T=25K
DA
1R0
1.0
±30
1kHz
18
2.40
3.20
DC
1R5
1.5
±30
1kHz
23
2.20
2.70
DE
2R2
2.2
±30
1kHz
29
2.00
2.40
DF
2R7
2.7
±30
1kHz
34
1.80
2.30
DG
3R3
3.3
±30
1kHz
39
1.70
2.20
DH
3R9
3.9
±30
1kHz
53
1.50
2.10
DJ
4R7
4.7
±30
1kHz
57
1.40
1.90
DK
5R6
5.6
±30
1kHz
65
1.30
1.80
DL
6R8
6.8
±30
1kHz
82
1.10
1.60
DM
8R2
8.2
±30
1kHz
95
1.05
1.55
EA
100
10
±20
1kHz
110
0.90
1.25
EB
120
12
±20
1kHz
117
0.85
1.20
EC
150
15
±20
1kHz
165
0.75
1.10
ED
180
18
±20
1kHz
185
0.70
1.05
EE
220
22
±20
1kHz
212
0.60
1.00
EF
270
27
±20
1kHz
288
0.55
0.80
EG
330
33
±20
1kHz
345
0.50
0.70
EH
390
39
±20
1kHz
487
0.45
0.60
EJ
470
47
±20
1kHz
545
0.40
0.55
EK
560
56
±20
1kHz
595
0.35
0.53
EL
680
68
±20
1kHz
693
0.32
0.50
EM
820
82
±20
1kHz
850
0.30
0.45
FA
101
100
±20
1kHz
1,030
0.27
0.38
FB
121
120
±20
1kHz
1,260
0.24
0.32
FC
151
150
±20
1kHz
1,420
0.22
0.30
C4-K1.8R (Height : 1.9mm max.)
Item
Stamp
Inductance
DCR
(m )
typ.
Rated DC Current (A) typ.
(µH)
Tolerance
(%)
Test Freq.
(kHz)
L=-10%
T=25K
DA
1R0
1.0
±30
1kHz
22
3.50
2.30
DC
1R5
1.5
±30
1kHz
26
3.10
2.10
DD
1R8
1.8
±30
1kHz
32
2.80
2.00
DF
2R7
2.7
±30
1kHz
39
2.20
1.80
DG
3R3
3.3
±30
1kHz
52
2.10
1.50
DH
3R9
3.9
±30
1kHz
70
2.00
1.30
DJ
4R7
4.7
±30
1kHz
80
1.90
1.20
DK
5R6
5.6
±30
1kHz
86
1.70
1.15
DL
6R8
6.8
±30
1kHz
97
1.50
1.05
DM
8R2
8.2
±30
1kHz
137
1.40
0.90
EA
100
10
±20
1kHz
147
1.30
0.82
EB
120
12
±20
1kHz
181
1.10
0.71
EC
150
15
±20
1kHz
244
0.96
0.59
ED
180
18
±20
1kHz
271
0.93
0.55
EE
220
22
±20
1kHz
305
0.80
0.50
EF
270
27
±20
1kHz
375
0.73
0.44
EG
330
33
±20
1kHz
510
0.65
0.42
EH
390
39
±20
1kHz
550
0.61
0.38
EJ
470
47
±20
1kHz
635
0.57
0.35
EK
560
56
±20
1kHz
740
0.51
0.32
EL
680
68
±20
1kHz
1,110
0.46
0.28
EM
820
82
±20
1kHz
1,230
0.43
0.26
FA
101
100
±20
1kHz
1,345
0.41
0.24
FB
121
120
±20
1kHz
1,550
0.37
0.22
FC
151
150
±20
1kHz
2,100
0.31
0.19
C4-K1.8RA (Height : 1.9mm max.)


Similar Part No. - CK-SERIES

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
CK-1608-100MTK KEMET-CK-1608-100MTK Datasheet
408Kb / 32P
Surface Mount Ferrite Products
CK-1608-4R7MTK KEMET-CK-1608-4R7MTK Datasheet
408Kb / 32P
Surface Mount Ferrite Products
CK-2125-100MTK KEMET-CK-2125-100MTK Datasheet
408Kb / 32P
Surface Mount Ferrite Products
CK-2125-1R0MTK KEMET-CK-2125-1R0MTK Datasheet
408Kb / 32P
Surface Mount Ferrite Products
CK-2125-1R5MTK KEMET-CK-2125-1R5MTK Datasheet
408Kb / 32P
Surface Mount Ferrite Products
More results

Similar Description - CK-SERIES

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com