Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SARA-N3 Datasheet(PDF) 2 Page - u-blox AG

Part # SARA-N3
Description  Multi-band NB-IoT modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-N3 Datasheet(HTML) 2 Page - u-blox AG

  SARA-N3 Datasheet HTML 1Page - u-blox AG SARA-N3 Datasheet HTML 2Page - u-blox AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C
Features
LTE NB-IoT
3GPP Release 13 LTE Cat NB1 fully compliant
3GPP Release 14 LTE Cat NB2 support of:
Mobility enhancement, E-Cell ID, larger TB size,
two HARQ processes, multi-carrier enhance-
ment, single-tone and multi-tone uplink
Data rate: up to 125 kbit/s DL, 140 kbit/s UL
FDD bands
Configurable multi-band:
SARA-N300: bands 3, 5, 8
SARA-N310: bands 3, 5, 8, 20, 28,
(1, 2, 4, 12, 13, 18, 19, 26, 66, 71, 85) 1
Data transfer
Non-IP based Small Data over NAS (SDoNAS)
IP based SDoNAS
MT/MO SMS PDU / Text mode
Network
Rel 13 e-DRX
Rel 12 LTE Power Save Mode (PSM)
Software features
Protocols
Dual stack IPv4 and IPv6
Embedded TCP/IP, UDP/IP, FTP, HTTP, PPP, DNS
Embedded MQTT-SN, CoAP/DTLS
Embedded HTTPS, TLS, SSL
SARA-N310: MQTT, Radio policy manager
SARA-N310: SIM provisioning (BIP)
Device manage-
ment
SARA-N310: LwM2M with dynamically loaded
objects
Functionalities
Last gasp
Antenna detection
SIM detection
Bluetooth 4.2 (BR/EDR and BLE) 1
Configurable voltage domain 1.8 V and 3.0 V
IoT platforms
SARA-N300: CTCC Tianyi
SARA-N300: CMCC OneNET
Security
Jamming detection
Firmware upgrade
Via UART
SARA-N300: FOTA according to CTCC/CMCC
SARA-N310: uFOTA client/server solution via
LwM2M
Interfaces
Serial
4-wire UART (with flow control) and ring
indication for data
2-wire UART for debug
GPIO
Up to 5 GPIOs, configurable
(RTS / CTS can also be configured as general
purpose input/output.)
ADC
Up to 2 10-bit ADC
USIM
Supports 1.8 V and 3.0 V
SARA-N310: SIM toolkit and Bearer Independent
Protocol (BIP)
1 = Considered for future FW version
Package
96 pin LGA: 16.0 x 26.0 x 2.4 mm, < 3 g
Environmental data, quality & reliability
Operating
temperature
–40 °C to +85 °C
RoHS compliant (lead-free)
Qualification according to ISO 16750
Manufactured in ISO/TS 16949 certified production sites
Electrical data
Power supply
3.6 V nominal, range 2.6 V to 4.2 V
Power consumption PSM deep-sleep mode: 3 μA
eDRX idle mode: < 1 mA
Rx mode: 23 mA
Tx mode at maximum power: 250 mA
Certifications and approvals
SARA-N300
CCC, SRRC, CMCC 2, CTCC 2, CUCC 2
SARA-N310
RED, RCM, ATEX/IECEx, GCF, NCC, IMDA,
NBTC, Vodafone, Deutsche Telekom
2 = Planned certifications
Support products
EVK-N300
Evaluation kit for SARA-N300
EVK-N310
Evaluation kit for SARA-N310
Product variants
SARA-N300
u-blox NB-IoT multi-band module for China
SARA-N310
u-blox NB-IoT multi-band global module
SARA-N3 series
UBX-18012985 - R05
Legal Notice:
u-blox reserves all rights to this document and the information contained herein. Products,
names, logos and designs described herein may in whole or in part be subject to intellectual
property rights. Reproduction, use, modification or disclosure to third parties of this doc-
ument or any part thereof without the express permission of u-blox is strictly prohibited.
The information contained herein is provided “as is”. No warranty of any kind, either
express or implied, is made in relation to the accuracy, reliability, fitness for a particular
purpose or content of this document. This document may be revised by u-blox at any
time. For most recent documents, please visit www.u-blox.com.
Copyright © 2019, u-blox AG
Further information
For contact information, see www.u-blox.com / contact-us.
For more product details and ordering information, see the product
data sheet.


Similar Part No. - SARA-N3

ManufacturerPart #DatasheetDescription
logo
u-blox AG
SARA-N2 U-BLOX-SARA-N2 Datasheet
1,014Kb / 30P
Power-optimized NB-IoT (LTE Cat NB1) modules
SARA-N200-02B U-BLOX-SARA-N200-02B Datasheet
1,014Kb / 30P
Power-optimized NB-IoT (LTE Cat NB1) modules
SARA-N201-02B U-BLOX-SARA-N201-02B Datasheet
1,014Kb / 30P
Power-optimized NB-IoT (LTE Cat NB1) modules
SARA-N210-02B U-BLOX-SARA-N210-02B Datasheet
1,014Kb / 30P
Power-optimized NB-IoT (LTE Cat NB1) modules
SARA-N211-02X U-BLOX-SARA-N211-02X Datasheet
1,014Kb / 30P
Power-optimized NB-IoT (LTE Cat NB1) modules
More results

Similar Description - SARA-N3

ManufacturerPart #DatasheetDescription
logo
u-blox AG
UBX-R5 U-BLOX-UBX-R5 Datasheet
158Kb / 2P
Multi-band LTE-M / NB-IoT chipset
logo
Qorvo, Inc
QM55003 QORVO-QM55003 Datasheet
775Kb / 25P
Mid-Band Low-Band NB-IoT TxM
QM55001 QORVO-QM55001 Datasheet
874Kb / 24P
Mid-Band Low-Band NB-IoT TxM
logo
Quectel Wireless Soluti...
BC95-G QUECTEL-BC95-G Datasheet
533Kb / 2P
Multi-band NB-IoT Module with Ultra-low Power Consumption
logo
u-blox AG
SARA-N2 U-BLOX-SARA-N2 Datasheet
1,014Kb / 30P
Power-optimized NB-IoT (LTE Cat NB1) modules
logo
Nordic Semiconductor
NRF9160 NORDIC-NRF9160_V01 Datasheet
6Mb / 400P
Cellular Modules LTE-M/NB-IoT/GPS product
4418_1315 v2.0 / 2020-09-21
logo
u-blox AG
SARA-R5 U-BLOX-SARA-R5 Datasheet
1Mb / 43P
LTE-M / NB-IoT modules with secure cloud
logo
Quectel Wireless Soluti...
BC68 QUECTEL-BC68 Datasheet
541Kb / 2P
Ultra-compact Multi-band NB-IoT Module with Ultra-low Power Consumption
logo
List of Unclassifed Man...
SIM7020 ETC1-SIM7020 Datasheet
409Kb / 3P
SIMCom NB-IoT Module
SIM7000G ETC1-SIM7000G Datasheet
538Kb / 2P
eMTC/NB-IoT/EDGE Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com