Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  High-speed connectivity in a mini-card form factor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HL7588 Datasheet HTML 1Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 2Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
30mm
51mm
Sierra Wireless
EMBEDDED MODULES HL SERIES
sierrawireless.com/embedded
SWITCH NETWORKS ANYTIME
The MC74xx module variants allow
device manufacturers to store up
to three different firmware variants
on-board, while the MC73xx has
the same functionality via host
download, simplifying logistics and
supply chain management.
High-speed connectivity in a mini-card
form factor
Sierra Wireless® AirPrime® MC Series supports the latest 4G and 3G networks
in North America, Europe, and Asia. Optimized for low power consumption, the
MC Series is ideal for today’s mobile computing, networking, and industrial IoT
applications.
DEPLOY ON THE WORLD’S FASTEST LTE NETWORKS
The MC Series supports 3G and 4G global networks, including LTE Advanced, with
automatic fallback to 3G or 2G networks depending on the module variant.
ENABLE LOCATION BASED SERVICES
GNSS tracking lets you locate, monitor, and deploy location-based applications
and services with module variants supporting GPS, GLONASS, Beidou, and Galileo
satellite systems.
INCORPORATE CLOUD CONNECTED SOLUTIONS
Update firmware, manage applications, and utilize product data over-the-air with
AirVantage® cloud connectivity (some module variants require a Linux SDK).
MC SERIES MODULES
MODEL
AIR INTERFACE
PEAK D/L RATE
PEAK U/L RATE
MC7455
LTE-FDD, LTE-TDD HSPA+ 300 Mbps
50 Mbps
MC7430
LTE-FDD, LTE-TDD
HSPA+, TD-SCDMA
300 Mbps
50 Mbps
MC73xx
LTE,HSPA+,GSM/GPRS/
EDGE, EV-DO Rev A,
1xRTT (MC7354/50)
100 Mbps
50 Mbps
MINI CARD ACCESSORY BOARD
MODEL
AIR INTERFACE
PEAK D/L RATE
PEAK U/L RATE
HL7588
LTE, HSPA+
150 Mbps
50 Mbps
AirPrime MC Series Datasheet
Sierra Wireless
AirPrime® MC Series Embedded Modules
Sierra Wireless® MC Series Embedded Modules


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
2Mb / 53P
   Product Technical Specification
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SAH58-WB LSTD-SAH58-WB Datasheet
542Kb / 1P
   High-gain in a small form factor
logo
Level One
IEC-4001 LVL1-IEC-4001 Datasheet
515Kb / 3P
   Rugged aluminium case design in a mini size form factor
logo
Micrel Semiconductor
PL904XXX MICREL-PL904XXX Datasheet
579Kb / 15P
   a small form-factor, high performance, programmable device
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
   Compact form factor
logo
Laird Tech Smart Techno...
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
   Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
   Compact form factor
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
   compact form factor
logo
Laird Tech Smart Techno...
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
   Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
   Compact form factor
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
   Standard form factor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com