Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  High-speed connectivity in a mini-card form factor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HL7588 Datasheet HTML 1Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 2Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
About Sierra Wireless
Sierra Wireless is building the Internet of Things with intelligent wireless solutions that empower organizations to innovate in the
connected world. We offer the industry’s most comprehensive portfolio of 2G, 3G, and 4G embedded modules and gateways,
seamlessly integrated with our secure cloud and connectivity services. OEMs and enterprises worldwide trust our innovative
solutions to get their connected products and services to market faster.
For more information, visit
www.sierrawireless.com.
Sierra Wireless
MC SERIES
EMBEDDED MODULES
MC7354
MC7350
MC7304
Target Region
Americas
USA
EMEA/Australia
4G LTE
Category
Cat-3
Cat-3
Cat-3
Frequency Bands
B2, B4, B5, B13, B17, B25
B4, B13, B25
B1, B3, B7, B8, B20
3G
1 Technology supported
WCDMA
WCDMA
WCDMA
Frequency Bands
B1, B2, B4, B5, B8
B1, B2, B4, B5, B8
B1, B2, B5, B8
2 Technology supported
EVDO
EVDO
Frequency Bands
BC0, BC1, BC10
BC0, BC1, BC10
2G
1 Technology supported
EDGE, GSM, GPRS
CDMA
EDGE, GSM, GPRS
Frequency Bands
850, 900, 1800, 1900
BC0, BC1, BC10
850, 900, 1800, 1900
2 Technology supported
CDMA
Frequency Bands
BC0, BC1, BC10
DATA SPEED
Peak Download Rate
100 Mbps
100 Mbps
100 Mbps
Peak Upload Rate
50 Mbps
50 Mbps
50 Mbps
LOCATION SERVICES
Satellite Systems
GPS, Glonass
GPS, Glonass
GPS, Glonass
SYSTEM DRIVERS
Windows® 7
P
P
P
Windows® 8.1
P
P
P
Windows® 10
P
P
P
Windows® Mobile 6.5
and CE 6.0
P
P
P
Linux Driver: Stanard ECM
P
P
P
Android RIL
P
P
P
INTERFACES
USB
USB 2.0 High Speed
USB 2.0 High Speed
USB 2.0 High Speed
GPIO
4
4
4
SIM Interface 1.8V/3V
1
1
1
CONTROL OPTIONS
APIs, AT Commands
P
P
P
HARDWARE
Dimensions
50x30x2.7mm
50x30x2.7mm
50x30x2.7mm
Antenna
Connectors
Main, Aux/GNSS, GNSS
Main, Aux, GNSS
Main, Aux, GNSS
Diversity
P
P
P
MIMO
P
P
P
GNSS Bias
P
P
P
TEMPERATURE RANGE
Industrial Grade
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
APPROVALS
Regulatory
FCC, PTCRB, NCC
FCC, NCC
CE, GCF, NCC, FCC
Carrier
AT&T, Bell, Rogers, Sprint, Telus, T-Mobile,
Verizon
Southern Linc (MC7354B only)
Sprint, Verizon
Telstra, Vodafone
CLOUD SERVICES
Free Unlimited FOTA upgrades P
P
P
Sierra Wireless, the Sierra Wireless logo, AirPrime, and the red wave design are trademarks of Sierra Wireless. Other registered trademarks that
appear on this brochure are the property of the respective owners. © 2017 Sierra Wireless, Inc. 2017.09.26


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
2Mb / 53P
Product Technical Specification
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL904XXX MICREL-PL904XXX Datasheet
579Kb / 15P
a small form-factor, high performance, programmable device
logo
Level One
IEC-4001 LVL1-IEC-4001 Datasheet
515Kb / 3P
Rugged aluminium case design in a mini size form factor
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
compact form factor
logo
Laird Tech Smart Techno...
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
Compact form factor
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
Compact form factor
SAH58-WB LSTD-SAH58-WB Datasheet
542Kb / 1P
High-gain in a small form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
Compact form factor
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
Compact form factor
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
Standard form factor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com