Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  High-speed connectivity in a mini-card form factor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HL7588 Datasheet HTML 1Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 2Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Sierra Wireless
MC SERIES
EMBEDDED MODULES
MC7455
MC7430
HL7588 Mini Card Accessory Board
Target Region
Americas/EMEA
APAC
Americas
4G LTE
Category
Cat-6
Cat-6
Cat-4
Frequency Bands
B1, B2, B3, B4, B5, B7, B12, B13, B20, B25,
B26, B29, B30, B41
B1, B3, B5, B7, B8, B18, B19, B21, B28, B38,
B39, B40, B41
B2, B4, B5, B13, B17
3G
1 Technology supported
WCDMA
WCDMA
HSPA+
Frequency Bands
B1, B2, B3, B4, B5, B8
B1, B5, B6, B8, B9, B19
B2, B5
2 Technology supported
TD-SCDMA
Frequency Bands
B39
DATA SPEED
Peak Download Rate
300 Mbps
300 Mbps
150 Mbps
Peak Upload Rate
50 Mbps
50 Mbps
50 Mbps
LOCATION SERVICES
Satellite Systems
GPS, Galileo, Glonass, Beidou
GPS, Galileo, Glonass, Beidou
EMBEDDED SOFTWARE
Secure Boot
P
Pre-certified Firmware
P
SYSTEM DRIVERS
Windows® 7
P
P
P
Windows® 8.1
P
P
P
Windows® 10
P
P
P
Linux Driver: Stanard ECM
P
P
P
Android RIL
P
P
P
INTERFACES
UART
1x - 4-wire
USB
USB 3.0, USB 2.0 High Speed
USB 3.0, USB 2.0 High Speed
USB 2.0 High Speed
GPIO
4
4
5
SIM Interface 1.8V/3V
2
2
1
CONTROL OPTIONS
APIs, AT Commands
P
P
HARDWARE
Dimensions
51x30x2.7mm
51x30x2.7mm
51x30x3.5 mm
Antenna
Connectors
Main, Aux/GNSS, GNSS
Main, Aux/GNSS, GNSS
Main, Aux
Diversity
P
P
P
MIMO
P
P
P
GNSS Bias
P
P
TEMPERATURE RANGE
Industrial Grade
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
APPROVALS
Regulatory
CE, FCC, GCF, IC, NCC, PTCRB
CE, GCF, JRF/JPA, NCC
FCC, PTCRB, IC,GCF
Carrier
AT&T, Bell, Rogers, Sprint, Telus, US Cellular,
Verizon, Vodafone
docomo, Telstra, KDDI, Softbank
AT&T, Verizon
CLOUD SERVICES
Free Unlimited FOTA upgrades P
P
P
Device Management option
P
P
P
Application Enablement option P
P
P
Connectivity Management
option
P
P
P


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
2Mb / 53P
   Product Technical Specification
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
SAH58-WB LSTD-SAH58-WB Datasheet
542Kb / 1P
   High-gain in a small form factor
logo
Level One
IEC-4001 LVL1-IEC-4001 Datasheet
515Kb / 3P
   Rugged aluminium case design in a mini size form factor
logo
Micrel Semiconductor
PL904XXX MICREL-PL904XXX Datasheet
579Kb / 15P
   a small form-factor, high performance, programmable device
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
   Compact form factor
logo
Laird Tech Smart Techno...
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
   Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
   Compact form factor
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
   compact form factor
logo
Laird Tech Smart Techno...
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
   Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
   Compact form factor
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
   Standard form factor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com