Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7548 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # HL7548
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7548 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button HL7548 Datasheet HTML 16Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 17Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 18Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 19Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 20Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 21Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 22Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 23Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
20
Product Technical Specification
Pad Definition
Pad #
Signal Name
Function
I/O
Active
Low / High
Power Supply
Domain
Recommendation
for Unused Pads
Type
9
UART1_DSR* /
TRACE_DATA0
UART1 Data set ready / Trace data 0
O
L
1.8V
Connect to test point Core / Custom
10
GPIO2 / TRACE_DATA2
General purpose input/output / Trace data 2
I/O
1.8V
Connect to test point Core / Custom
11
RESET_IN_N
Input reset signal
I
L
1.8V
Left Open
Core
12
USB_D-
USB Data Negative (Low / Full Speed)
I/O
3.3V
Connect to test point Extension
USB Data Negative (High Speed)
0.38V
13
USB_D+
USB Data Positive (Low / Full Speed)
I/O
3.3V
Connect to test point Extension
USB Data Positive (High Speed)
0.38V
14
NC
Not Connected (Reserved for future use)
Left Open
Not connected
15
NC
Not Connected (Reserved for future use)
Left Open
Not connected
16
USB_VBUS
USB VBUS
I
3.3V – 5.5V
Connect to test point Extension
17
NC
Not Connected (Reserved for future use)
Left Open
Not connected
18
NC
Not Connected (Reserved for future use)
Left Open
Not connected
19
NC
Not Connected (Reserved for future use)
Left Open
Not connected
20
NC
Not Connected (Reserved for future use)
Left Open
Not connected
21
BAT_RTC
Power supply for RTC backup
I/O
1.8V
Left Open
Extension
22
26M_CLKOUT
26MHz System Clock Output
O
1.8V
Left Open
Extension
23
32K_CLKOUT
32.768kHz System Clock Output
O
1.8V
Left Open
Extension
24
ADC1
Analog to digital converter
I
1.2V
Left Open
Extension
25
NC
Not Connected (Reserved for future use)
Left Open
Not connected
26
UIM1_VCC
1.8V/3V SIM1 Power supply
O
1.8V/3V
Mandatory
connection
Core
27
UIM1_CLK
1.8V/3V SIM1 Clock
O
1.8V/3V
Mandatory
connection
Core
28
UIM1_DATA
1.8V/3V SIM1 Data
I/O
1.8V/3V
Mandatory
connection
Core


Similar Part No. - HL7548

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
HL75-250F LEIDITECH-HL75-250F Datasheet
502Kb / 2P
   Radial leaded devices, higher rated voltage of 75V
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7548

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com