Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7548 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # HL7548
Description  Product Technical Specification
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7548 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button HL7548 Datasheet HTML 43Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 44Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 45Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 46Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 47Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 48Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 49Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 50Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
47
Product Technical Specification
Reliability Specification
6.2.6.
Handling Resistance Stress Tests
The following tests the AirPrime HL7548 and HL7588 module resistance to handling malfunctions and
damage.
Table 38. Handling Resistance Stress Tests
Designation
Condition
ESDC Test
Standard: JESD22-A114, JESD22-A115, JESD22-C101
Special conditions:
HBM (Human Body Model): 1KV (Class 1C)
MM (Machine Model): 200V
CDM (Charged Device Model): 250V (Class II)
Operating conditions: Powered
Duration: 3 days
ESD Test
Standard: IEC 61000-4-2
Special conditions:
Contact Voltage: ±2kV, ±4kV, ±6kV
Air Voltage: ±2kV, ±4kV, ±8kV
Operating conditions: Powered
Duration: 3 days
Free Fall Test
FFT 1
Standard: IEC 60068-2-32, Test Ed
Special conditions:
Number of drops: 2 drops per unit
Height: 1m
Operating conditions: Un-powered
Duration: 6 hours


Similar Part No. - HL7548

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
HL75-250F LEIDITECH-HL75-250F Datasheet
502Kb / 2P
Radial leaded devices, higher rated voltage of 75V
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7548

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
Technical Product Specification
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com