Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7548 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HL7548
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7548 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HL7548 Datasheet HTML 1Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 2Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 3Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 4Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 5Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 6Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 7Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 8Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
4
Product Technical Specification
Document History
Version Date
Updates
1.0
October 07, 2014
Creation
December 01, 2014
Updated:
2 Pad Definition
Table 10 VGPIO Electrical Characteristics
Figure 11 EMC and ESD Components Close to the SIM
Removed section 6 X-Ray Exposure
January 08, 2015
Updated:
1.7 ESD
The note in section 3.2 Current Consumption
January 29, 2015
Updated:
1.8.2 Regulatory
Table 8 Current Consumption
3.9 Main Serial Link (UART1)
7 Legal Information
Removed:
B13, IPv6 and digital audio support for the HL7548
HSIC
February 23, 2015
Updated section 2 Pad Definition
1.1
February 25, 2015
Updated:
1.3 General Features
PCM support in:
Figure 1 Architecture Overview
1.5 Interfaces
Table 6 Pad Definition
3.14 PCM
Table 17 UART1 Pad Description
5.4.1 Using UART1
1.2
February 27, 2015
Updated section 7 Legal Information
2.0
April 09, 2015
Updated:
Table 1 Supported Bands/Connectivity
Table 3 ESD Specifications
2 Pad Definition
Table 8 Current Consumption
Removed SIM2 and GPIO12 throughout the document
May 05, 2015
Updated:
Supported LTE category for HL7548 in Table 2 General
Features
2 Pad Definition
3.5 SIM Interface
May 07, 2015
Added section 6 Reliability Specification
Updated Table 41 Ordering Information


Similar Part No. - HL7548

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
HL75-250F LEIDITECH-HL75-250F Datasheet
502Kb / 2P
   Radial leaded devices, higher rated voltage of 75V
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7548

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com