Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7548 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # HL7548
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7548 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button HL7548 Datasheet HTML 27Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 28Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 29Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 30Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 31Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 32Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 33Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 34Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
31
Product Technical Specification
Detailed Interface Specifications
Pad #
Signal Name*
I/O*
Description
8
UART1_DCD**
O
Signal data connection in progress
9
UART1_DSR**
O
Signal UART interface is ON
*
According to PC view.
**
This signal is not available on the HL7548.
3.10. POWER-ON Signal (PWR_ON_N)
A low-level signal should be provided to switch the AirPrime HL7548 and HL7588 module ON.
It is internally connected to the permanent 1.8V supply regulator inside the HL7548 or HL7588 via a
pull-up resistor. Once VBAT is supplied to the HL7548 or HL7588 module, this 1.8V supply regulator
will be enabled and so the PWR_ON_N signal is by default at high level.
The PWR_ON_N signal’s characteristics are listed in the table below.
Table 18. PWR_ON_N Electrical Characteristics
Parameter
Minimum
Typical
Maximum
Input Voltage-Low (V)
-
0.51
Input Voltage-High (V)
1.33
-
2.2
Power-up period (ms) from PWR_ON_N falling edge
2000
-
-
PWR_ON_N assertion time (ms)
25
Note:
As PWR_ON_N is internally pulled up with 100kΩ, an open collector or open drain transistor must
be used for ignition.
VGPIO is an output from the module that can be used to check if the module is active.
When VGPIO = 0V, the module is OFF
When VGPIO = 1.8V, the module is ON (it can be in idle, communication or sleep mode)
Note:
PWR_ON_N signal cannot be used to power the module off. To power the module off, use AT
command AT+CPWROFF.
3.11. Reset Signal (RESET_IN_N)
To reset the module, a low-level pulse must be sent on the RESET_IN_N pad for 20ms. This action
will immediately restart the AirPrime HL7548 or HL7588 module with the PWR_ON_N signal at low
level. (If the PWR_ON_N signal is at high level, the module will be powered off.) As RESET_IN_N is
internally pulled up, an open collector or open drain transistor should be used to control this signal.
The RESET_IN_N signal will reset the registers of the CPU and reset the RAM memory as well, for
the next power on.
Note:
As RESET_IN_N is referenced to the VRTC (200kΩ pull-up resistor to VRTC 1.8V) an open
collector or open drain transistor has to be used to control this signal.


Similar Part No. - HL7548

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
HL75-250F LEIDITECH-HL75-250F Datasheet
502Kb / 2P
   Radial leaded devices, higher rated voltage of 75V
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7548

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com