Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7548 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # HL7548
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7548 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button HL7548 Datasheet HTML 24Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 25Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 26Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 27Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 28Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 29Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 30Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 31Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
28
Product Technical Specification
Detailed Interface Specifications
Pad #
Signal Name
Description
Multiplex
29
UIM1_RESET
1.8V/3V SIM1 Reset
64
UIM1_DET
UIM1 Detection
GPIO3
Table 13. Electrical Characteristics of UIM1
Parameter
Minimum
Typical
Maximum Remarks
UIM1 Interface Voltage (V)
(VCC, CLK, IO, RST)
-
2.9
-
The appropriate output
voltage is auto detected and
selected by software.
-
1.80
-
UIM1 Detect
-
1.80
-
High active
UIM1_VCC Current (mA)
-
-
10
Max output current in sleep
mode = 3 mA
UIM1_VCC Line Regulation (mV/V) -
-
50
At Iout_Max
UIM1_VCC Power-up Setting Time
(µs) from power down
-
10
-
3.5.1.
UIM1_DET
UIM1_DET is used to detect and notify the application about the insertion and removal of a SIM
device in the SIM socket connected to the SIM interface. When a SIM is inserted, the state of
UIM1_DET transitions from logic 0 to logic 1. Inversely, when a SIM is removed, the state of
UIM1_DET transitions from logic 1 to logic 0.
3.6. USB
The AirPrime HL7548 and HL7588 have one USB interface.
Table 14. USB Pad Description
Pad Number
Signal Name
I/O
Function
12
USB_D-
I/O
USB Data Negative
13
USB_D+
I/O
USB Data Positive
16
USB_VBUS
I
USB VBUS
Note:
When a USB supply is not available, connect USB_VBUS to VBATT to supply the USB interface.
USB_VBUS will have a voltage range of 3.3V to 4.5V when connected to VBATT.


Similar Part No. - HL7548

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
HL75-250F LEIDITECH-HL75-250F Datasheet
502Kb / 2P
   Radial leaded devices, higher rated voltage of 75V
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7548

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com