Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7548 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # HL7548
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7548 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button HL7548 Datasheet HTML 20Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 21Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 22Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 23Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 24Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 25Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 26Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 27Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
24
Product Technical Specification
Pad Definition
2.1. Pad Configuration (Top View, Through Module)
168
169
167
170
66
65
64
63
62
61
60
59
58
57
56
55
53
52
54
70
67
19
20
21
22
23
24
25
26
27
28
29
30
32
33
31
69
68
192
193
194
195
196
197
198
171
191
214
215
216
217
218
199
172
190
213
228
229
230
219
200
173
189
212
227
234
231
220
201
174
188
211
226
233
232
221
202
175
187
210
225
224
223
222
203
176
186
209
208
207
206
205
204
177
185
184
183
182
181
180
179
178
236
237
238
239
240
241
242
GND
GPIO5
GPIO4
UIM1_DET / GPIO3
VBATT
VBATT_PA
VBATT_PA
TX_ON
PWR_ON
NC
NC
NC
NC
GPIO15
GPIO11
GPIO10
GND
GND
NC
NC
BAT_RTC
26M_CLKOUT
32K_CLKOUT
ADC1
NC
UIM1_VCC
UIM1_CLK
UIM1_DATA
UIM1_RESET
GND
RF_DIV
GND
PCM_OUT
GND
Core pin
Extension pin
236
237
238
239
240
241
242
168
169
167
170
66
65
64
63
62
61
60
59
58
57
56
55
53
52
54
70
67
19
20
21
22
23
24
25
26
27
28
29
30
32
33
31
69
68
192
193
194
195
196
197
198
171
191
214
215
216
217
218
199
172
190
213
228
229
230
219
200
173
189
212
227
234
231
220
201
174
188
211
226
233
232
221
202
175
187
210
225
224
223
222
203
176
186
209
208
207
206
205
204
177
185
184
183
182
181
180
179
178
236
237
238
239
240
241
242
GND
GPIO5
GPIO4
UIM1_DET / GPIO3
VBATT
VBATT_PA
VBATT_PA
TX_ON
PWR_ON
NC
NC
NC
NC
GPIO15
GPIO11
GPIO10
GND
GND
NC
NC
BAT_RTC
26M_CLKOUT
32K_CLKOUT
ADC1
NC
UIM1_VCC
UIM1_CLK
UIM1_DATA
UIM1_RESET
GND
RF_DIV
GND
PCM_OUT
GND
Core pin
Extension pin
236
237
238
239
240
241
242
Figure 3.
Pad Configuration


Similar Part No. - HL7548

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
HL75-250F LEIDITECH-HL75-250F Datasheet
502Kb / 2P
   Radial leaded devices, higher rated voltage of 75V
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7548

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com