Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7548 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # HL7548
Description  Product Technical Specification
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7548 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button HL7548 Datasheet HTML 12Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 13Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 14Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 15Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 16Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 17Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 18Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 19Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
16
Product Technical Specification
Introduction
1.5. Interfaces
The AirPrime HL7548 and HL7588 modules provide the following interfaces and peripheral
connectivity:
1x – 8-wire UART for the HL7588; 4-wire UART for the HL7548
1x – Active Low RESET
1x – USB 2.0
1x – Backup Battery Interface
2x – System Clock Out
1x – Active Low POWER-ON
1x – 1.8V/3V SIM
1x – JTAG Interface
13x – GPIOs (3 of which have multiplexes)
1x – Main Antenna
1x – RX Diversity Antenna
1x – VGPIO
1x – TX_ON (only available on the HL7588)
1x – ADC
1x – PCM (only available on the HL7588)
1x – Debug Interface
1.6. Connection Interface
The AirPrime HL7548 and HL7588 module is an LGA form factor device. All electrical and mechanical
connections are made through the 146 Land Grid Array (LGA) pads on the bottom side of the PCB.
Figure 2.
Mechanical Overview
The 146 pads have the following distribution:
66 inner signal pads, 1x0.5mm, pitch 0.8mm
1 reserved test point (do not connect), 1.0mm diameter
7 test point (JTAG), 0.8mm diameter, 1.20mm pitch
64 inner ground pads, 1.0x1.0mm, pitch 1.825mm/1.475mm
4 inner corner ground pads, 1x1mm
4 outer corner ground pads, 1x0.9mm


Similar Part No. - HL7548

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
HL75-250F LEIDITECH-HL75-250F Datasheet
502Kb / 2P
Radial leaded devices, higher rated voltage of 75V
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7548

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
Technical Product Specification
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com