Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7548 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # HL7548
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7548 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button HL7548 Datasheet HTML 11Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 12Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 13Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 14Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 15Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 16Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 17Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 18Page - List of Unclassifed Manufacturers HL7548 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
15
Product Technical Specification
Introduction
Feature
Description
Connectivity
Multiple (up to 20) cellular packet data profiles
Sleep mode for minimum idle power draw
Mobile-originated PDP context activation / deactivation
Support QoS profile
Release 97 – Precedence Class, Reliability Class, Delay Class,
Peak Throughput, Mean Throughput
Release 99 QoS negotiation – Background, Interactive, and
Streaming
Static and Dynamic IP address. The network may assign a fixed IP
address or dynamically assign one using DHCP (Dynamic Host
Configuration Protocol).
Supports PAP and CHAP authentication protocols
PDP context type (IPv4, IPv6, IPv4v6). IP Packet Data Protocol context
RFC1144 TCP/IP header compression
Environmental
Operating temperature ranges (industrial grade):
Class A: -30°C to +70°C
Class B: -40°C to +85°C
RTC
Real Time Clock (RTC) with calendar
*
This feature is only available on the HL7588.
**
AirPrime HL7588 modules operating on Verizon support LTE bands B2, B4, B13, and UMTS bands B2 and B5;
while HL7588 modules operating on AT&T support LTE bands B2, B4, B5, B17, and UMTS bands B2 and B5.
1.4. Architecture
The figure below presents an overview of the AirPrime HL7548 and HL7588’s internal architecture
and external interfaces.
AirPrime HL7548 and HL7588
Memory
(Flash + RAM)
SAW
Filters
26MHz
32.768KHz
UART x 1
Trace Debug (5 pins)
VBATT
GND
VGPIO
BAT_RTC
GPIO x 13
RESET_IN
RF Main
JTAG
LGA-
146
Baseband
SIM1
MCU
DSP
PMU
RF
Analog Baseband
Peripherals
LGA-
146
26M_CLKOUT
32K_CLKOUT
PWR_ON
Dulpexer
PA
USB
Antenna
Switch
Antenna
Switch
RX_LTE
RF
RF DIV
RF
RX_LTE
ADC x 1
PCM*
TX_ON*
Figure 1.
Architecture Overview


Similar Part No. - HL7548

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
HL75-250F LEIDITECH-HL75-250F Datasheet
502Kb / 2P
   Radial leaded devices, higher rated voltage of 75V
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7548

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com