Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 42Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 43Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 44Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 45Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 46Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 47Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 48Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 49Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
46
Product Technical Specification
Reliability Specification
6.2.5.
Mechanical Resistance Stress Tests
The following tests the AirPrime HL7548 and HL7588 module resistance to vibrations and mechanical
shocks.
Table 37. Mechanical Resistance Stress Tests
Designation
Condition
Sinusoidal Vibration Test
SVT
Standard: IEC 60068-2-6, Test Fc
Special conditions:
Frequency range: 16 Hz to 1000 Hz
Displacement: 0.35mm (peak-peak)
Acceleration:
5G from 16 to 62 Hz
3G from 62 to 200 Hz
1G from 200 to 1000 Hz
Sweep rate: 1 octave / cycle
Number of Sweep: 20 sweeps/axis
Sweep direction: ±X, ±Y, ±Z
Operating conditions: Un-powered
Duration: 2 days
Random Vibration Test
RVT
Standard: IEC 60068-2-64, Test Fh
Special conditions:
Frequency range: 10 Hz – 2000 Hz
Power Spectral Density in [(m/s²)²/Hz]
0.1 g2/Hz at 10Hz
0.01 g2/Hz at 250Hz
0.005 g2/Hz at 1000Hz
0.005 g2/Hz at 2000Hz
Peak factor: 3
Duration per Axis: 1 hr / axis
Operating conditions: Un-powered
Duration: 1 day
Mechanical Shock Test
MST
Standard: IEC 60068-2-27, Test Ea
Special conditions:
Shock Test 1:
Wave form: Half sine
Peak acceleration: 30g
Duration: 11ms
Number of shocks: 8
Direction: ±X, ±Y, ±Z
Shock Test 2:
Wave form: Half sine
Peak acceleration: 100g
Duration: 6ms
Number of shocks: 3
Direction: ±X, ±Y, ±Z
Operating conditions: Un-powered
Duration: 72 hours


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com