Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 40Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 41Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 42Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 43Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 44Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 45Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 46Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 47Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
44
Product Technical Specification
Reliability Specification
6.2.2.
Environmental Resistance Stress Tests
The following tests the AirPrime HL7548 and HL7588 module resistance to extreme temperature.
Table 34. Environmental Resistance Stress Tests
Designation
Condition
Cold Test Active
COTA
Standard: IEC 680068-2-1, Test Ad
Special conditions:
Temperature: -40°C
Temperature variation: 1°C/min
Operating conditions: Powered ON with a power cycle of 1 minute ON and
2 minutes OFF
Duration: 3 days
Resistance to Heat Test
RH
Standard: IEC 680068-2-2, Test Bb
Special conditions:
Temperature: +85°C
Temperature variation: 1°C/min
Operating conditions: Powered ON with a power cycle of 15 minutes ON
and 15 minutes OFF
Duration: 50 days
6.2.3.
Corrosive Resistance Stress Tests
The following tests the AirPrime HL7548 and HL7588 module resistance to corrosive atmosphere.
Table 35. Corrosive Resistance Stress Tests
Designation
Condition
Humidity Test
HUT
Standard: IEC 60068-2-3, Test Ca
Special conditions:
Temperature: +65°C
RH: 95%
Temperature variation: 3 ± 0.6°C/min
Operating conditions: Powered on, DUT is powered up for 15 minutes and
OFF for 15 minutes
Duration: 10 days


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
Technical Product Specification
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com