Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 36Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 37Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 38Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 39Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 40Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 41Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 42Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 43Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
40
Product Technical Specification
Design Guidelines
5.2. Module Switch-Off
AT command AT+CPWROFF enables the user to properly switch the AirPrime HL7548 or HL7588
module off.
AT+CPWROFF
Module is ON
PWR_ON_N
Internal pull-up to
1V8
Module is OFF
VGPIO
2 secs
Figure 9.
Power OFF Sequence for PWR_ON_N, VGPIO
Note:
PWR_ON_N is internally pulled up by 100kΩ to 1.8V.
5.3. Emergency Power OFF
If required, the module can be switched off by controlling the RESET_IN_N pad (pad 11). This must
only be used in emergency situations if the system freezes (not responding to AT commands).
To perform an emergency power off, a low-level pulse must be sent on the RESET_IN_N pad for
20ms while the PWR_ON_N signal is inactive (high level). This action will immediately shut the
HL7548 or HL7588 module down and the registers of the CPU and RAM memory will be reset for the
next power on.
5.4. Sleep Mode Management
5.4.1.
Using UART1
AT command AT+KSLEEP enables sleep mode configuration.
AT+KSLEEP=0
:
The module is active when DTR signal is active (low electrical level).
When DTR is deactivated (high electrical level), the module immediately enters sleep mode
after inactivity.
On DTR activation (low electrical level), the module wakes up.
Note:
AT+KSLEEP=0 is not available on the HL7548.


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com