Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 35Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 36Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 37Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 38Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 39Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 40Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 41Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 42Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
39
5. Design Guidelines
5.1. Power-Up Sequence
Apply a low-level logic to the PWR_ON_N pad (pad 59); within approximately 25ms, VGPIO will
appear to be at 1.8V. Either UART1 or the USB interface could be used to send AT commands. The
AT command interface is available in about 7 seconds after PWR_ON_N for either UART1 or USB.
When using UART1, the AT command interface is available after the transition of UART1_CTS from
high to low level.
When using a USB connection, the HL7548 and HL7588 will start communicating with the host after
USB enumeration. The time when AT commands can be sent will depend on the initialization time on
the USB host.
Module is ON
Module is OFF
2000 ms
<25 ms
7 secs
Module is ready to receive AT
commands via UART1
Signal level depends on
Hardware Flow Control settings
PWR_ON_N
VGPIO
UART1_CTS
Figure 8.
PWR_ON_N Sequence with VGPIO Information
Note:
As PWR_ON_N is internally pulled up with 100kΩ, an open collector or open drain transistor must
be used for ignition.
The PWR_ON_N pad has the minimum assertion time requirement of 25ms, with LOW active. Once
the valid power on trigger is detected, the PWR_ON_N pad status can be left open.
The maximum inrush current is 1.3 A and lasts less than 1.5 ms.


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com