Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 32Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 33Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 34Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 35Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 36Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 37Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 38Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 39Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
36
Product Technical Specification
Detailed Interface Specifications
3.16.2. RF Performances
RF performances are compliant with 3GPP recommendation TS 36.101.
Table 29. Conducted RX Sensitivity (dBm)
Frequency Band
Primary (Typical)
Secondary (Typical)
SIMO (Typical)
LTE B2
Full RB; BW: 20 MHz*
-93
-94
-97
LTE B4
Full RB; BW: 20 MHz*
-95
-95
-98
LTE B5
Full RB; BW: 10 MHz*
-98
-99
-101
LTE B13
Full RB; BW: 10 MHz*
-95
-98
-100
LTE B17
Full RB; BW: 10 MHz*
-98
-99
-101
*
Sensitivity values scale with bandwidth: x_MHz_Sensitivity = 10 MHz_Sensitivity – 10*log (10 MHz/x_MHz)
3.16.3. TX_ON Indicator (TX_ON)
Note:
This feature is not available on the HL7548.
The AirPrime HL7588 module provides a signal, TX_ON, for TX indication. The TX_ON is a 2.3V
signal and its status signal depends on the module transmitter state.
Refer to the following table for the status of the TX_ON signal depending on the embedded module’s
state.
Table 30. TX_ON Indicator Pad Description
Pad Number
Signal Name
Function
I/O Type
Power Supply Domain
60
TX_ON
TX indicator
O
2.3V
Table 31. TX_ON Characteristics
Parameter
Minimum
Typical
Maximum
Tadvance
30µs
Tdelay
10µs
TX_ON
VBATT_PA
T duration
T advance
T delay
Voltage drop
Figure 5.
TX_ON State During Transmission


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com