Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 31Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 32Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 33Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 34Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 35Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 36Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 37Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 38Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
35
Product Technical Specification
Detailed Interface Specifications
Pad Number
Signal Name
Function
Multiplex
10
TRACE_DATA2
Trace data 2
GPIO2
41
TRACE_CLK
Trace clock
GPIO8
Note:
It is strongly recommended to provide access to this interface through Test Points.
3.15.2. JTAG
The JTAG interface provides debug access to the core of the AirPrime HL7548 and HL7588. These
JTAG signals are accessible through solder-able test points.
Table 26. JTAG Pad Description
Pad Number
Signal Name
Function
236
JTAG_RESET
JTAG RESET
237
JTAG_TCK
JTAG Test Clock
238
JTAG_TDO
JTAG Test Data Output
239
JTAG_TMS
JTAG Test Mode Select
240
JTAG_TRST
JTAG Test Reset
241
JTAG_TDI
JTAG Test Data Input
242
JTAG_RTCK
JTAG Returned Test Clock
Note:
It is recommended to provide access through Test Points to this interface the JTAG pads (for
Failure Analysis debugging). All signals listed in table above shall be outputs on the customer board
to allow JTAG debugging.
3.16. RF Interface
The RF interface of the HL7548 and HL7588 modules allow the transmission of RF signals. This
interface has a 50Ω nominal impedance.
3.16.1. RF Connection
A 50Ω stripline can be used to connect to standard RF connectors such as SMA, UFL, etc. for
antenna connection.
Table 27. RF Main Connection
Pad Number
RF Signal
Impedance
VSWR Rx (max)
VSWR Tx (max)
49
RF_MAIN
50Ω
1.5:1
1.5:1
Table 28. RF Diversity Connection
Pad Number
RF Signal
Impedance
VSWR Rx (max)
VSWR Tx (max)
31
RF_DIV
50Ω
1.5:1
---


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com