Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 28Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 29Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 30Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 31Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 32Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 33Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 34Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 35Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
32
Product Technical Specification
Detailed Interface Specifications
Table 19. RESET_IN_N Electrical Characteristics
Parameter
Minimum
Typical
Maximum
Input Voltage-Low (V)
-
0.51
Input Voltage-High (V)
1.33
-
2.2
Reset assertion time (ms)
20
-
-
Power-up period (ms) from RESET_IN_N falling edge*
2000
-
-
*
With the PWR_ON_N Signal at low level
3.12. Analog to Digital Converter (ADC1)
One Analog to Digital Converter input, ADC1, is provided by the AirPrime HL7548 and HL7588
module. This converter is a 10-bit resolution ADC ranging from 0 to 1.2V.
The following table describes the pad description of the ADC interface.
Table 20. ADC Interface Pad Description
Pad Number
Signal Name
I/O
Description
24
ADC1
I
Analog to digital converter
Typical ADC1 use is for monitoring external voltage; wherein an application is used to safely power
OFF an external supply in case of overvoltage.
Table 21. ADC Electrical Characteristics
Parameter
Minimum
Typical
Maximum
Remarks
ADC1 Resolution (bits)
-
10
-
Input Voltage Range (V)
0
-
1.2
General purpose input
Update rate per channel (kHz)
-
-
125
Integral Nonlinearity (bits)
-
-
±2
LSB
Offset Error (bits)
-
-
±1
LSB
Gain
849
853
858
Input Resistance (MΩ)
1
-
-
Input Capacitance (pF)
-
1
-
3.13. Clock Interface
The AirPrime HL7548 and HL7588 modules support two digital clock interfaces.
The following table describes the pad description of the clock out interfaces.
Table 22. Clock Interface Pad Description
Pad Number
Signal Name
I/O
I/O Type
Description
22
26M_CLKOUT
O
1.8V
26MHz Digital Clock output


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
Technical Product Specification
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com