Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 25Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 26Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 27Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 28Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 29Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 30Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 31Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 32Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
29
Product Technical Specification
Detailed Interface Specifications
3.7. Electrical Information for Digital I/O
The AirPrime HL7548 and HL7588 support two groups of digital interfaces with varying current drain
limits. The following list enumerates these interface groupings and the following table enumerates the
electrical characteristics of each digital interface.
Group 1 (6mA current drain limit)
GPIO2, GPIO3, GPIO4, GPIO6, GPIO8, GPIO10, GPIO11, GPIO13, GPIO14, GPIO15
Group 2 (1mA current drain limit)
GPIO1, GPIO5, GPIO7
UART1
JTAG
PCM
Table 15. Digital I/O Electrical Characteristics
Parameter
Symbol
Minimum
Maximum
Remarks
Input Current-High(µA)
IIH
-
-240
Input Current-Low(µA)
IIL
-
240
Group 1
DC Output Current-High (mA)
IOH
-
6
DC Output Current-Low (mA)
IOL
-6
-
Group 2
DC Output Current-High (mA)
IOH
-
1
DC Output Current-Low (mA)
IOL
-1
-
Input Voltage-High(V)
VIH
1.33
1.90
Input Voltage-Low(V)
VIL
-0.20
0.34
Output Voltage-High(V)
VOH
1.45
-
IOH = -6mA
VOH
1.60
-
IOH = -0.1mA
Output Voltage-Low(V)
VOL
-
0.35
IOL = 6mA
VOL
-
0.20
IOL = 0.1mA
3.8. General Purpose Input/Output (GPIO)
The AirPrime HL7548 and HL7588 modules provide 13 GPIOs, 3 of which have multiplexes.
Table 16. GPIO Pad Description
Pad Number
Signal Name
Multiplex
I/O
Power Supply Domain
1
GPIO1
I/O
1.8V
10
GPIO2
TRACE_DATA2
I/O
1.8V
40
GPIO7
I/O
1.8V
41
GPIO8
TRACE_CLK
I/O
1.8V
44
GPIO13
I/O
1.8V
46
GPIO6
I/O
1.8V


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
Technical Product Specification
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com