Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 23Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 24Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 25Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 26Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 27Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 28Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 29Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 30Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
27
Product Technical Specification
Detailed Interface Specifications
Parameter
Minimum
Typical
Maximum
Remarks
Current capability
Sleep Mode (mA)
-
-
3
Power management support up to 3mA
output in Sleep mode
Rise Time (ms)
-
-
1.5
Start-Up time from 0V
3.4. BAT_RTC
The AirPrime HL7548 and HL7588 modules provide an input/output to connect a Real Time Clock
power supply.
This pad is used as a back-up power supply for the internal Real Time Clock. The RTC is supported
when VBATT is available but a back-up power supply is needed to save date and hour when VBATT
is switched off.
If VBATT is available, the back-up battery can be charged by the internal 1.8V power supply regulator.
Table 11. BAT_RTC Electrical Characteristics
Parameter
Minimum
Typical
Maximum
Unit
Input voltage
-
1.8
-
V
Input current consumption
-
2.5
-
µA
Output voltage
-5%
1.8
+5%
V
Max charging current (@VBATT=3.7V)
-
25
-
mA
Note:
When used with the HL Series snap-in socket, or when compatibility with HL6528x is needed,
Sierra Wireless recommends adding a 10µF capacitor to the BAT_RTC pad.
3.5. SIM Interface
The AirPrime HL7548 and HL7588 have one physical SIM interface, UIM1, which has optional support
for dual SIM application with an external SIM switch.
The UIM1 interface allows control of a 1.8V/3V SIM and is fully compliant with GSM 11.11
recommendations concerning SIM functions.
The five signals used by this interface are as follows:
UIM1_VCC: power supply
UIM1_CLK: clock
UIM1_DATA: I/O port
UIM1_RESET: reset
UIM1_DET: SIM detection
Table 12. UIM1 Pad Description
Pad #
Signal Name
Description
Multiplex
26
UIM1_VCC
1.8V/3V SIM1 Power supply
27
UIM1_CLK
1.8V/3V SIM1 Clock
28
UIM1_DATA
1.8V/3V SIM1 Data


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com