Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 22Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 23Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 24Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 25Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 26Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 27Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 28Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 29Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
26
Product Technical Specification
Detailed Interface Specifications
Parameter
Minimum
Typical
Maximum
Unit
LTE in
communication mode
(TX Max)
Band 2
630
650
895
mA
Band 4
510
610
945
mA
Band 5
440
520
745
mA
Band 13*
460
540
720
mA
Band 17
540
560
780
mA
UMTS (TX Max)
Band 2*
570
660
770
mA
Band 5*
400
460
500
mA
*
This band is only supported on the HL7588.
Table 9.
Current Consumption per Power Supply
Parameter (at nominal voltage, 3.7 V)
Typical
Unit
VBATT_BB
LTE in communication mode (TX Max)
USB = disconnected
Band 2
214
mA
Band 4
207
mA
Band 5
211
mA
Band 13*
212
mA
Band 17
218
mA
UMTS (TX Max)
USB = disconnected
Band 2*
124
mA
Band 5*
118
mA
VBATT_PA
LTE in communication mode (TX Max)
USB = disconnected
Band 2
436
mA
Band 4
403
mA
Band 5
309
mA
Band 13*
328
mA
Band 17
342
mA
UMTS (TX Max)
USB = disconnected
Band 2*
536
mA
Band 5*
342
mA
*
This band is only supported on the HL7588.
3.3. VGPIO
The VGPIO output can be used to:
Pull-up signals such as I/Os
Supply the digital transistors driving LEDs
The VGPIO output is available when the AirPrime HL7548 and HL7588 module is switched ON.
Table 10. VGPIO Electrical Characteristics
Parameter
Minimum
Typical
Maximum
Remarks
Voltage level (V)
1.7
1.8
1.9
Both active mode and sleep mode
Current capability
Active Mode (mA)
-
-
50
Power management support up to 50mA
output in Active mode


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
Technical Product Specification
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com