Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 21Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 22Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 23Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 24Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 25Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 26Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 27Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 28Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
25
3. Detailed Interface Specifications
Note:
If not specified, all electrical values are given for VBATT=3.7V and an operating temperature of
25°C.
For standard applications, VBATT and VBATT_PA must be tied externally to the same power
supply. For some specific applications, AirPrime HL7548 and HL7588 modules support separate
VBATT and VBATT_PA connection if requirements below are fulfilled.
3.1. Power Supply
The AirPrime HL7548 and HL7588 modules are supplied through the VBATT signal with the following
characteristics.
Table 7.
Power Supply
Supply
Minimum
Typical
Maximum
VBATT voltage (V)
3.2*
3.7
4.5
VBATT_PA voltage (V) Full Specification
3.2*
3.7
4.5
VBATT_PA voltage (V) Extended Range
2.8
3.7
4.5
*
This value must be guaranteed during the burst.
Note:
Load capacitance for VBATT is around 32µF ± 20% embedded inside the module.
Load capacitance for VBATT_PA is around 10µF ± 20% embedded inside the module.
3.2. Current Consumption
The following table lists the current consumption of the AirPrime HL7548 and HL7588 at different
conditions.
Note:
The following data is with USB disconnected to achieve the lowest current consumption. An
additional 0.6mA will be consumed if USB is connected.
Typical values are defined for VBATT/VBATT_PA at 3.7V and 25°C, for 50Ω impedance at all RF
ports. Maximum values are provided for VSWR3:1 with worst conditions among supported ranges
of voltages and temperature.
Table 8.
Current Consumption
Parameter
Minimum
Typical
Maximum
Unit
Off mode
95
110
202
µA
Sleep mode – LTE
DRX = 1.28s
USB = disconnected
Band 2
1.2
1.4
6.2
mA
Band 4
1.2
1.4
6.2
mA
Band 5
1.2
1.4
6.2
mA
Band 13*
1.2
1.4
6.2
mA
Band 17
1.2
1.4
6.2
mA


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
   High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com