Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 19Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 20Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 21Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 22Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 23Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 24Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 25Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 26Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
23
Product Technical Specification
Pad Definition
Pad #
Signal Name
Function
I/O
Active
Low / High
Power Supply
Domain
Recommendation
for Unused Pads
Type
71 - 166
Note:
These pads are not available on the AirPrime HL7548 and HL7588 module.
167 - 234
GND
Ground
GND
0V
Core
236
JTAG_RESET
JTAG RESET
I
L
1.8V
Left Open
Extension
237
JTAG_TCK
JTAG Test Clock
I
1.8V
Left Open
Extension
238
JTAG_TDO
JTAG Test Data Output
O
1.8V
Left Open
Extension
239
JTAG_TMS
JTAG Test Mode Select
I
1.8V
Left Open
Extension
240
JTAG_TRST
JTAG Test Reset
I
L
1.8V
Left Open
Extension
241
JTAG_TDI
JTAG Test Data Input
I
1.8V
Left Open
Extension
242
JTAG_RTCK
JTAG Returned Test Clock
O
1.8V
Left Open
Extension
*
This signal is only available on the HL7588.


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
Technical Product Specification
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com