Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HL7588 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # HL7588
Description  Product Technical Specification
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HL7588 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button HL7588 Datasheet HTML 18Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 19Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 20Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 21Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 22Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 23Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 24Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 25Page - List of Unclassifed Manufacturers HL7588 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
4116369
Rev 9.0
September 04, 2017
22
Product Technical Specification
Pad Definition
Pad #
Signal Name
Function
I/O
Active
Low / High
Power Supply
Domain
Recommendation
for Unused Pads
Type
49
RF_MAIN
RF Input/output
Mandatory
connection
Core
50
GND
Ground
0V
0V
Mandatory
connection
Core
51
GPIO14
General purpose input/output
I
1.8V
Left Open
Extension
52
GPIO10
General purpose input/output
I/O
1.8V
Left Open
Extension
53
GPIO11
General purpose input/output
I/O
1.8V
Left Open
Extension
54
GPIO15
General purpose input/output
I/O
1.8V
Left Open
Extension
55
NC
Not Connected (Reserved for future use)
Left Open
Not connected
56
NC
Not Connected (Reserved for future use)
Left Open
Not connected
57
NC
Not Connected (Reserved for future use)
Left Open
Not connected
58
NC
Not Connected (Reserved for future use)
Left Open
Not connected
59
PWR_ON
Active Low Power On control signal
I
L
1.8V
Mandatory
connection
Core
60
TX_ON*
TX indicator
O
2.3V
Left Open
Extension
61
VBATT_PA
Power supply (refer to section 3.1 Power
Supply for more information)
I
3.2V (min)
3.7V (typ)
4.5V (max)
Mandatory
connection
Core
62
VBATT_PA
Power supply (refer to section 3.1 Power
Supply for more information)
I
3.2V (min)
3.7V (typ)
4.5V (max)
Mandatory
connection
Core
63
VBATT
Power supply
I
3.2V (min)
3.7V (typ)
4.5V (max)
Mandatory
connection
Core
64
UIM1_DET / GPIO3
UIM1 Detection /
General purpose input/output
I/O
H
1.8V
Left Open
Core
65
GPIO4
General purpose input/output
I/O
H
1.8V
Left Open
Extension
66
GPIO5
General purpose input/output
I/O
1.8V
Left Open
Extension
67-70
GND
Ground
GND
0V
Core


Similar Part No. - HL7588

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HL7588 ETC1-HL7588 Datasheet
354Kb / 3P
High-speed connectivity in a mini-card form factor
More results

Similar Description - HL7588

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com